Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6360 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 38Page - STMicroelectronics L6360 Datasheet HTML 39Page - STMicroelectronics L6360 Datasheet HTML 40Page - STMicroelectronics L6360 Datasheet HTML 41Page - STMicroelectronics L6360 Datasheet HTML 42Page - STMicroelectronics L6360 Datasheet HTML 43Page - STMicroelectronics L6360 Datasheet HTML 44Page - STMicroelectronics L6360 Datasheet HTML 45Page - STMicroelectronics L6360 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
Device configuration
L6360
42/65
Doc ID 022817 Rev 2
1.
Microcontroller I2C establishes the communication: START condition
2.
Microcontroller I2C sends the slave address on the I2C bus to check if the slave is
online (1st frame)
3.
After the address is matched, the microcontroller starts the data transmission:
the 2nd frame is the data to be written into the selected register (see 3rd frame)
4.
The 3rd frame is composed of the address of the register to be written and of the parity
of the 2nd frame.
5.
Microcontroller I2C finishes the communication: STOP condition
6.
The L6360 calculates the parity of the data received
7.
The L6360 compares its parity calculation with the parity bits in the 3rd frame (sent by
the microcontroller)
8.
If the parities match, the protocol flow goes on (exit), otherwise the PE bit inside the
L6360 status register is set and the flow goes to the next state.
9.
The L6360 generates an interrupt to report the parity check error.
10. The microcontroller sends a read request to the device. The L6360 then sends the
status and parity registers. The microcontroller can resend the corrupted data register.
11. Back to step 1.
The I2C frame (configuration, control, diagnostic phases) must provide:
Slave address (7 bits)
Transmission direction (read/write)
Data (8 bits: data register)
Parity bits (P2, P1, P0)
Registers address (4 bits: 16 registers addressable)
The three frames are shown in Figure 26 and below:
Figure 26.
Current Write mode frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com