Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6360 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 46Page - STMicroelectronics L6360 Datasheet HTML 47Page - STMicroelectronics L6360 Datasheet HTML 48Page - STMicroelectronics L6360 Datasheet HTML 49Page - STMicroelectronics L6360 Datasheet HTML 50Page - STMicroelectronics L6360 Datasheet HTML 51Page - STMicroelectronics L6360 Datasheet HTML 52Page - STMicroelectronics L6360 Datasheet HTML 53Page - STMicroelectronics L6360 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
Device configuration
L6360
50/65
Doc ID 022817 Rev 2
Sequential/random Read modes
Figure 34.
Sequential/random Read mode
1.
Random/sequential Read mode initialization: Microcontroller I2C establishes the
communication: START condition.
2.
Microcontroller I2C sends the slave address, in Write mode, on the I2C bus to check if
the slave is online (1st frame).
3.
Microcontroller I2C sends the register address start point, which sets the first register to
read in sequence (2nd frame).
4.
Microcontroller I2C finishes the communication: STOP condition.
5.
Microcontroller I2C sends the slave address, in Read mode, on the I2C bus to check if
the slave is online (3rd frame).
6.
After the address is matched, the L6360 sends its registers in sequential mode, starting
from the register set in the 2nd frame.
7.
Microcontroller I2C finishes the communication: STOP condition.
The I2C frame (configuration, control, diagnostic phases) must provide:
Slave address (7 bits)
Transmission direction (read/write)
Data (8-bit data register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com