Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6360 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 29Page - STMicroelectronics L6360 Datasheet HTML 30Page - STMicroelectronics L6360 Datasheet HTML 31Page - STMicroelectronics L6360 Datasheet HTML 32Page - STMicroelectronics L6360 Datasheet HTML 33Page - STMicroelectronics L6360 Datasheet HTML 34Page - STMicroelectronics L6360 Datasheet HTML 35Page - STMicroelectronics L6360 Datasheet HTML 36Page - STMicroelectronics L6360 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
33/65
LED2 registers
Reset value: [00000000]
Figure 17.
LED2 registers
Parity register
Read only
Reset value: [00000000]
Figure 18.
Parity register
This register stores the parity of each register, calculated after the L6360 receives data
registers.
Bit 7 = SR:
Status register parity
This bit is the parity of the status register.
Bit 6 = CR:
Configuration register parity
This bit is the parity of the configuration register.
Bit 5 = CT1:
Control register 1 parity
This bit is the parity of control register 1.
Bit 4 = CT2:
Control register 2 parity
This bit is the parity of control register 2.
Bit 3 = L1H:
LED1 high register parity
This bit is the parity of the LED1 MSB register (15 down to 8).
Bit 2 = L1L:
LED1 low register parity
This bit is the parity of the LED1 LSB register (7 down to 0).
Bit 1 = L2H:
LED2 high register parity
This bit is the parity of the LED2 MSB register (15 down to 8).
Bit 0 = L2L:
LED2 low register parity
This bit is the parity of the LED2 LSB register (7 down to 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com