Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 106 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 102Page - STMicroelectronics SPEAR1340 Datasheet HTML 103Page - STMicroelectronics SPEAR1340 Datasheet HTML 104Page - STMicroelectronics SPEAR1340 Datasheet HTML 105Page - STMicroelectronics SPEAR1340 Datasheet HTML 106Page - STMicroelectronics SPEAR1340 Datasheet HTML 107Page - STMicroelectronics SPEAR1340 Datasheet HTML 108Page - STMicroelectronics SPEAR1340 Datasheet HTML 109Page - STMicroelectronics SPEAR1340 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 200 page
background image
Pin description
SPEAr1340
106/200
Doc ID 023063 Rev 4
3.5.5
Connectivity
Table 15.
Connectivity - MAC PHY interface signals description
Signal name
Description
Type
Ball
MAC_GTXCLK125
Auxiliary source of clock
I
T28
MAC_GTXCLK
Transmission clock
This is the transmission clock provided by the external
PHY/oscillator/internal PLL for the RGMII,GMII, RMII. All the RGMII,GMII,
RMII transmission signals generated by the MAC are synchronous to this
clock.
RMII: this clock is used also as receive clock, so all the receive signals are
synchronous to this clock.
OR28
MAC_TXCLK
Transmission clock
This is the transmission clock (25/2.5 MHz in 100M/10Mbps) provided by
the external PHY for the MII. All the MII transmission signals generated by
the MAC are synchronous to this clock.
IU28
MAC_TXD0
PHY transmit data
This is a bundle of eight transmit data signals driven by the MAC. It has
multiple functions depending on which PHY interface is selected, as given
below. Unused bits in the RGMII,RMII,MII interface configurations are tied
to low.
– GMII: All 8 bits provide the GMII transmit data byte. The validity of the
data is qualified with MAC_TXEN and MAC_TXER.
Note: Using 10/100 Mbps-only operation, MAC_TXD bus is only 4 bits
wide (MAC_TXD[3:0]).
– MII: Bits [3:0] provide the MII transmit data nibble. The validity of the
data is qualified with MAC_TXEN and MAC_TXER.
– RGMII: Bits [3:0] provide the RGMII transmit data. The data bus
changes with both rising and falling edges of the transmit clock. The
validity of the data is qualified with MAC_TXEN.
– RMII: Bits [1:0] provide the RMII transmit data. The validity of the data is
qualified with MAC_TXEN.
O
U27
MAC_TXD1
T26
MAC_TXD2
T27
MAC_TXD3
T25
MAC_TXD4
R25
MAC_TXD5
R26
MAC_TXD6
P26
MAC_TXD7
P27
MAC_TXEN
PHY transmit data enable
This signal is driven by the MAC and has multiple functions depending on
which PHY interface is selected, as given below.
– GMII/MII/RMII: When high, indicates that valid data is being transmitted
on the MAC_TXD bus.
– RGMII: This signal is the control signal for the transmit data, and is
driven on both edges of the clock.
O
L24
MAC_TXER
PHY transmit error
This signal is driven by the MAC and has multiple functions depending on
which PHY interface is selected, as given below.
– GMII/MII: When high, indicates a transmit error or carrier extension (in
GMII) on the MAC_TXD bus.
– RMII, RGMII: Not used. Tied low in some configurations; driven low in
others.
O
L25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com