Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 107 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 103Page - STMicroelectronics SPEAR1340 Datasheet HTML 104Page - STMicroelectronics SPEAR1340 Datasheet HTML 105Page - STMicroelectronics SPEAR1340 Datasheet HTML 106Page - STMicroelectronics SPEAR1340 Datasheet HTML 107Page - STMicroelectronics SPEAR1340 Datasheet HTML 108Page - STMicroelectronics SPEAR1340 Datasheet HTML 109Page - STMicroelectronics SPEAR1340 Datasheet HTML 110Page - STMicroelectronics SPEAR1340 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
107/200
MAC_RXCLK
Reception clock (rmii_clk)
This is the reception clock (125/25/2.5 MHz in 1G/100M/10Mbps) provided
by the external PHY for RGMII,GMII,MII. All the RGMII,GMII,MII receive
signals received by the MAC are synchronous to this clock.
IP28
MAC_RXDV
PHY receive data valid
This signal is driven by PHY and has multiple functions depending on
which PHY interface is selected as given below.
– GMII/MII: When high, indicates that data on the MAC_RXD bus is valid.
It remains asserted continuously from the first recovered byte/nibble of
the frame through the final recovered byte/nibble.
– RGMII: This is the receive control signal used to qualify the data
received on MAC_RXD bus. This signal is sampled on both edges of the
clock.
– RMII: Contains the crs and data valid information of the receive
interface.
IM27
MAC_RXER
PHY receive error
This signal is driven by the PHY and has multiple functions depending on
which PHY interface is selected as given below.
– GMII/MII: When high, indicates an error or carrier extension (in GMII) in
the received frame on the MAC_RXD bus.
– RGMII/RMII: Not used.
IM28
MAC_RXD0
PHY receive data
This is a bundle of eight data signals received from the PHY. It has multiple
functions depending on which PHY interface is selected, as given below.
– GMII: All 8 bits provide the GMII receive data byte. The validity of the
data is qualified with MAC_RXDV and MAC_RXER.
Note: Using 10/100 Mbps-only operation, MAC_RXD bus is only 4 bits
wide (MAC_RXD[3:0]).
– MII: Bits [3:0] provide the MII receive data nibble. The validity of the data
is qualified with MAC_RXDV and MAC_RXER.
– RGMII: Bits [3:0] provide the RGMII receive data. The data bus is
sampled with both rising and falling edges of the receive clock
(MAC_RXCLK). The validity of the data is qualified with MAC_RXDV.
– RMII: Bits [1:0] provide the RMII receive data. The validity of the data is
qualified with MAC_RXDV.
I
R27
MAC_RXD1
R24
MAC_RXD2
P25
MAC_RXD3
N24
MAC_RXD4
N25
MAC_RXD5
N26
MAC_RXD6
M24
MAC_RXD7
M25
MAC_COL
PHY collision
This signal, valid only in GMII/MII mode, is asserted by the PHY when a
collision is detected on the medium. This signal is not synchronous to any
clock.(Active high)
IM26
MAC_CRS
PHY CRS
This signal, valid only in GMII/MII mode, is asserted by the PHY when
either the transmit or receive medium is not idle. The PHY deasserts this
signal when both transmit and receive medium are idle. This signal is not
synchronous to any clock. (active high)
I
L26
Table 15.
Connectivity - MAC PHY interface signals description (continued)
Signal name
Description
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com