Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 111 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 107Page - STMicroelectronics SPEAR1340 Datasheet HTML 108Page - STMicroelectronics SPEAR1340 Datasheet HTML 109Page - STMicroelectronics SPEAR1340 Datasheet HTML 110Page - STMicroelectronics SPEAR1340 Datasheet HTML 111Page - STMicroelectronics SPEAR1340 Datasheet HTML 112Page - STMicroelectronics SPEAR1340 Datasheet HTML 113Page - STMicroelectronics SPEAR1340 Datasheet HTML 114Page - STMicroelectronics SPEAR1340 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
111/200
MCIF_DATA8
Compact Flash (CF):
Data lines (15 to 8)
IO
D20
MCIF_DATA9
IO
C20
MCIF_DATA10
IO
B20
MCIF_DATA11
IO
D21
MCIF_DATA12
IO
C21
MCIF_DATA13
IO
B21
MCIF_DATA14
IO
A21
MCIF_DATA15
IO
E22
MCIF_DATA1_SD
SD/SDIO/MMC:
Data lines (3 to 1)
IO
E15
MCIF_DATA2_SD
IO
A14
MCIF_DATA3_SD
IO
B14
MCIF_ADDR0_ALE
CF: A0
Address bit 0, used to select one of the eight registers in the task file
xD:
Address latch enable
OE18
MCIF_ADDR1_CLE_CLK
CF: A1
Address bit 1, used to select one of the eight registers in the task file
xD:
Command latch enable
SD:
SD/SDIO/MMC clock
OA15
MCIF_ADDR2
CF: A2
Address bit 2, used to select one of the eight registers in the task file
OB17
MCIF_nCE_CF
CF:
Chip enable (active low)
OC17
MCIF_nCE_xD
xD:
Chip enable (active low)
OD17
MCIF_nCE_SD_MMC
SD:
Chip enable (active low)
OE19
MCIF_nCD_CF1
CF: -CD1, -CD2
These card detect pins are connected to ground on the CF Storage
Card or CF+ Card. They are used by the host to determine that the
CF Storage Card or CF+ Card is fully inserted into its socket
IA18
MCIF_nCD_CF2
IB18
MCIF_nCD_xD
xD:
Card insert/remove pin:
0 - Card inserted
1 - Card removed
IA17
MCIF_nCD_SD_MMC
SD:
Card detection for single slot, active low
IC15
MCIF_DATA_DIR
All modes
Data direction on board
OC18
Table 23.
Connectivity- MCIF signals description (continued)
Signal name
Description(1)
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com