Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 113 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 109Page - STMicroelectronics SPEAR1340 Datasheet HTML 110Page - STMicroelectronics SPEAR1340 Datasheet HTML 111Page - STMicroelectronics SPEAR1340 Datasheet HTML 112Page - STMicroelectronics SPEAR1340 Datasheet HTML 113Page - STMicroelectronics SPEAR1340 Datasheet HTML 114Page - STMicroelectronics SPEAR1340 Datasheet HTML 115Page - STMicroelectronics SPEAR1340 Datasheet HTML 116Page - STMicroelectronics SPEAR1340 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
113/200
MCIF_IORDY
CF: IORDY, -DDMARDY, DSTROBE
Except in Ultra DMA mode, this input signal may be used as IORDY.
When in ultra DMA mode, DMA write is active; this signal (-
DDMARDY) is asserted by the device to indicate that the device is
read to receive Ultra DMA data-in bursts. The device may negate -
DDMARDY to pause an ultra DMA transfer.
When ultra DMA mode DMA read is active, this signal is the data out
strobe (DSTROBE) generated by the device. Both the rising and
falling edge of DSTROBE cause data to be latched by the host. The
device may stop generating DSTROBE edges to pause an ultra DMA
data-out burst
ID19
MCIF_nCS1
CF: -CS1
-CS1 is used to select the alternate status register and the device
control register. While -DMACK is asserted, this signal is held
negated
OE21
MCIF_nDMACK_nWP
CF: -DMACK
A DMA acknowledge signal that is asserted by the host in response
to DMARQ to initiate DMA transfers.
When DMA operations are not active, the card ignores the -DMACK
signal, including a floating condition.
xD:
Write protect
OA20
MCIF_SD_CMD
SD:
Command /response line
IO
E17
MCIF_LEDS
All modes
Monitors bus activity when data transfer occurs.
Caution: do not remove the card while it is being accessed
OA16
1.
For more details on the use of each signal, please refer to Table 7: MCIF multiplexing scheme.
Table 23.
Connectivity- MCIF signals description (continued)
Signal name
Description(1)
Type
Ball
Table 24.
Connectivity - KBD signals description
Signal name
Signal type
Description
Ball
Keyboard
GPIO
Keyboard
GPIO
KBD_ROW5
OD
IO
Strobe 5, active low
GPIO. Input/Output
A11
KBD_ROW4
OD
IO
Strobe 4, active low
E12
KBD_ROW3
OD
IO
Strobe 3, active low
D12
KBD_ROW2
OD
IO
Strobe 2, active low
C12
KBD_ROW1
OD
IO
Strobe 1, active low
B12
KBD_ROW0
OD
IO
Strobe 0, active low
A12
KBD_COL5
I
IO
Pressed key5, active low
AE18
KBD_COL4
I
IO
Pressed key4, active low
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com