Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 110 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 106Page - STMicroelectronics SPEAR1340 Datasheet HTML 107Page - STMicroelectronics SPEAR1340 Datasheet HTML 108Page - STMicroelectronics SPEAR1340 Datasheet HTML 109Page - STMicroelectronics SPEAR1340 Datasheet HTML 110Page - STMicroelectronics SPEAR1340 Datasheet HTML 111Page - STMicroelectronics SPEAR1340 Datasheet HTML 112Page - STMicroelectronics SPEAR1340 Datasheet HTML 113Page - STMicroelectronics SPEAR1340 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 200 page
background image
Pin description
SPEAr1340
110/200
Doc ID 023063 Rev 4
Table 21.
Connectivity - SSP signals description
Signal name
Description
Type
Ball
SSP_SCK
SSP clock. It is used as output in master mode as input in slave mode
IO
AA26
SSP_MISO
Master input slave output
IO
AA25
SSP_MOSI
Master output slave input
IO
AA24
SSP_SS0n
SSP frame output (master mode), input (slave mode)
IO
AB27
SSP_SS1n
Slave select 1 (used only in master mode)
O
AE19
SSP_SS2n
Slave select 2 (used only in master mode)
O
AA28
SSP_SS3n
Slave select 3 (used only in master mode)
O
L27
Table 22.
Connectivity - I2C signals description
Signal name
Description
Type
Ball
I2C0
I2C0_SDA
I2C0 input/output data
IOD
K27
I2C0_SCL
I2C0 input/output clock
IOD
L28
I2C1
I2C1_SDA
I2C1 input/output data
IOD
AH18
I2C1_SCL
I2C1 input/output clock
IOD
AH19
Table 23.
Connectivity- MCIF signals description
Signal name
Description(1)
Type
Ball
MCIF_DATA0
All modes
Data0 line
IO
E14
MCIF_DATA1
Compact Flash (CF)/xD card:
Data lines (3 to 1)
IO
B16
MCIF_DATA2
IO
C16
MCIF_DATA3
IO
D16
MCIF_DATA4
MMC8/CF/xD card:
Data lines (7 to 4)
IO
C14
MCIF_DATA5
IO
D14
MCIF_DATA6
IO
E16
MCIF_DATA7
IO
B15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com