Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8533 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
34
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R6 (06h)
DAC_GAINL
9
DACL_VU
0
Left DAC Digital Volume Update
0 = Latch Left DAC volume setting into register map
but do not update volume
1 = Latch Left DAC volume setting into register map
and update left and right channels simultaneously
Page 25
8:0
DACL_VOL [8:0] 1_1001_0000 Left DAC Digital Volume Control
000h = -100dB
001h = -99.75dB
002h = -99.5dB
…0.25dB steps
190h = 0dB
…0.25dB steps
1BEh = +11.75dB
1BFh to 1FFh = +12dB
Page 25
Register 06h DAC_GAINL
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R7 (07h)
DAC_GAINR
9
DACR_VU
0
Right DAC Digital Volume Update
0 = Latch Right DAC volume setting into register
map but do not update volume
1 = Latch Right DAC volume setting into register
map and update left and right channels
simultaneously
Page 25
8:0
DACR_VOL
[8:0]
1_1001_0000 Right DAC Digital Volume Control
000h = -100dB
001h = -99.75dB
002h = -99.5dB
…0.25dB steps
190h = 0dB
…0.25dB steps
1BEh = +11.75dB
1BFh to 1FFh = +12dB
Page 25
Register 07h DAC_GAINR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com