Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8533 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
15
DEVICE DESCRIPTION
INTRODUCTION
The WM8533 provides high fidelity, 2Vrms ground referenced stereo line output from a single supply
line with minimal external components. The integrated DC servo eliminates the requirement for
external mute circuitry by minimising DC transients at the output during power up/down. The device
is well-suited to both stereo and multi-channel systems.
The device supports all common audio sampling rates between 8kHz and 192kHz using common
MCLK / fs ratios. Master and slave modes are available.
The WM8533 supports both hardware and software control modes.
In hardware control mode, the digital audio interface format is switchable between 16 to 24bits LJ, RJ
and I
2S, and a mute control pin is also available.
In software control modes, the digital audio interface is fully programmable, with two control interface
addresses to allow multiple WM8533 devices to be configured independently.
SOFTWARE CONTROL INTERFACE
Software control mode is selected by logic 1 or 0 on the CIFMODE pin. The logic level is referenced
to the DBVDD power domain. When software mode is selected, the associated multi-function control
pins are defined as described in Table 6.
PIN NAME
PIN
REF
DESCRIPTION
SDA
C2
Serial Data Input
SCLK
C1
Serial Data Clock
CS
¯¯
D1
I
2C Mode - Device Address
SPI Mode - Chip Select
CIFMODE
C3
Control Interface Mode
0 = I
2C Mode
1 = SPI Mode
Z = Hardware Mode
Table 6 Software Control Pin Configuration
In software control mode, the WM8533 is controlled by writing to its control registers. Readback is
available for all registers, including device ID and power management status bits, in I
2C control mode
only. The control interface can operate as an I
2C or SPI control interface: register read-back is
provided on the bi-directional pin SDA in I
2C mode. Note that Readback is not available in SPI mode.
The WM8533 software control interface is supplied by the DBVDD power domain.
The available software control interface modes are summarised as follows:
I
2C mode uses pins SCLK and SDA.
SPI mode uses pins CS
¯¯ , SCLK and SDA.
I
2C mode is selected by setting the CIFMODE pin to logic 0.
SPI mode is selected by setting the CIFMODE pin to logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com