Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8533 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
25
DIGITAL VOLUME CONTROL
The WM8533 DAC includes digital volume control, allowing the digital gain to be adjusted between
−100dB and +12dB in 0.25dB steps. Volume update bits allow the user to write both left and right
channel volume changes before the volume is updated.
Note that digital volume control is only available in I
2C mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
DAC_GAINL
9
DACL_VU
0
DAC Digital Volume Update
0 = Latch DAC volume setting into Register
Map but do not update volume
1 = Latch DAC volume setting into Register
Map and update left and right channels
simultaneously
R7 (07h)
DAC_GAINR
9
DACR_VU
0
R6 (06h)
DAC_GAINL
8:0
DACL_VOL
[8:0]
190h
DAC Digital Volume
000h = −100dB
001h = −99.75dB
002h = −99.5dB
…0.25dB steps
190h = 0dB
…0.25dB steps
1BEh = +11.75dB
1BFh to 1FFh = +12dB
R7 (07h)
DAC_GAINR
8:0
DACR_VOL
[8:0]
190h
Table 13 DAC Digital Volume Control
VOLUME CHANGE MODES
Volume can be adjusted by step change (either using zero cross or not) or by soft ramp. The volume
change mode is controlled by the DAC_VOL_DOWN_RAMP and DAC_VOL_UP_RAMP bits in R5:
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
DAC_CTRL3
1
DAC_VOL
_UP_RAM
P
0
DAC Digital Volume Increase Control
0 = Apply volume increases instantly (step)
1 = Ramp volume increases
0
DAC_VOL
_DOWN_
RAMP
1
DAC Digital Volume Decrease Control
0 = Apply volume decreases instantly (step)
1 = Ramp volume decreases
Table 14 Volume Ramp Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com