Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8533 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 41Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
37
DIGITAL DE-EMPHASIS CHARACTERISTICS
Figure 29 De-Emphasis Frequency Response (32kHz)
Figure 30 De-Emphasis Error (32kHz)
Figure 31 De-Emphasis Frequency Response (44.1kHz)
Figure 32 De-Emphasis Error (44.1kHz)
Figure 33 De-Emphasis Frequency Response (48kHz)
Figure 34 De-Emphasis Error (48kHz)
-10
-8
-6
-4
-2
0
0
2
4
6
8
10
12
14
16
Frequency (kHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
0
2
4
6
8
10
12
14
16
Frequency (kHz)
-10
-8
-6
-4
-2
0
0
5
10
15
20
Frequency (kHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com