Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8533 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 41Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
40
PACKAGE DIMENSIONS
B: 20 BALL W-CSP PACKAGE 1.842 X 1.772 X 0.451mm BODY, 0.35 mm BALL PITCH
A1
CORNER
TOP VIEW
E
D
5
4
DETAIL 2
DETAIL 2
A
A2
2
A1
Z
bbb
Z
1
SOLDER BALL
E1
A
D1
DETAIL 1
D
C
B
e
e
1
5
4
32
6
f1
f2
h
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. THIS DIMENSION INCLUDES STAND-OFF HEIGHT ‘A1’.
3. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
4. BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE PACKAGE BODY.
5. ‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
6. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
7. FOLLOWS JEDEC DESIGN GUIDE MO-211-C.
A1
0.146
D
D1
E
E1
e
1.400 BSC
1.772
0.2085
1.050 BSC
0.350 BSC
1.842
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
0.451
A2
0.266
0.279
0.292
5
f1
0.481
0.421
0.172
0.198
h
0.205
BOTTOM VIEW
0.3485
f2
DETAIL 1
DM107.A
1.867
1.797
1.817
1.747
0.221
0.361
0.175
0.235
aaa
bbb
ccc
ddd
0.025
0.060
0.030
0.015
Z
ccc
Z
ddd M
A B
A
aaa
2 X
B
aaa
2 X
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com