Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8956CGEFL/V Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
55
Device running in master mode with 24-bit data
MCLK input at 12.288MHz
DAC running at fs=48kHz
BCLK running at 64fs
Device running in slave mode with 24-bit data
MCLK input at 12.288MHz
DAC running at fs=48kHz
BCLK supplied from host at 64fs in this example
Device running in master mode with 24-bit data
MCLK input at 11.2896MHz
DAC running at fs=44.1kHz
BCLK running at 64fs in this example
Device running in slave mode with 24-bit data
MCLK input at 11.2896MHz
DAC running at fs=44.1kHz
BCLK supplied from host at 64fs in this example.
Device running in master mode with 24-bit data
MCLK input at 12MHz
PLL Enabled and configured for SYSCLK=11.2896MHz
DAC running at fs=44.1kHz
BCLK running at 64fs in this example
Class D clocks running at 705.6kHz
Table 38 Example Clocking Schemes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com