Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8956CGEFL/V Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
57
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power
Management
(1)
8:7
VMIDSEL
00
Vmid Divider Enable and Select
00 = Vmid disabled (for OFF mode)
01 = 2 x 50k
 divider enabled (for playback /
record)
10 = 2 x 250k
 divider enabled (for low-
power standby)
11 = 2 x 5k
 divider enabled (for fast start-
up)
6
VREF
0
VREF (necessary for all other functions)
0 = Power down
1 = Power up
5
AINL
0
Analogue Input PGA and Boost Left
0 = Power down
1 = Power up
(Note: LMIC must also be set to enable the
PGA)
4
AINR
0
Analogue Input PGA and Boost Right
0 = Power down
1 = Power up
(Note: RMIC must also be set to enable the
PGA)
1
MICB
0
MICBIAS
0 = Power down
1 = Power up
0
DIGENB
0
Master Clock Disable
0 = Master clock enabled
1 = Master clock disabled
R26 (1Ah)
Power
Management
(2)
8
DACL
0
DAC Left
0 = Power down
1 = Power up
7
DACR
0
DAC Right
0 = Power down
1 = Power up
6
LOUT1
0
LOUT1 Output Buffer
0 = Power down
1 = Power up
5
ROUT1
0
ROUT1 Output Buffer
0 = Power down
1 = Power up
4
SPKL
0
SPK_LP/SPK_LN Output PGA.
0 = Power down
1 = Power up
(Note: Speaker output also requires
SPK_OP_EN[0] to be set)
3
SPKR
0
SPK_RP/SPK_RN Output PGA
0 = Power down
1 = Power up
(Note: Speaker output also requires
SPK_OP_EN[1] to be set)
1
OUT3
0
OUT3 Output Buffer
0 = Power down
1 = Power up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com