Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8956CGEFL/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
LOUT1
Volume
8
OUT1VU
0
Headphone Volume Update
0 = Store LOUT1VOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = LOUT1VOL, right = intermediate
latch)
7
LO1ZC
0
Left zero cross enable
0 = Change gain immediately
1 = Change gain on zero cross only
6:0
LOUT1VOL
[6:0]
0000000
(MUTE)
LOUT1 Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue
MUTE
R3 (03h)
ROUT1
Volume
8
OUT1VU
0
Headphone Volume Update
0 = Store ROUT1VOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = intermediate latch, right =
ROUT1VOL)
7
RO1ZC
0
Right zero cross enable
0 = Change gain immediately
1 = Change gain on zero cross only
6:0
ROUT1VOL
[6:0]
0000000
(MUTE)
ROUT1 Volume
Similar to LOUT1VOL
Table 18 LOUT1/ROUT1 Volume Control
See "Volume Updates" for more information on volume update bits, zero cross and timeout operation.
CLASS D SPEAKER OUTPUTS
The SPK_LP/SPK_LN and SPK_RP/SPK_RN output pins are class D speaker drivers. Each pair is
independently controlled and can drive an 8
 BTL speaker (see Speaker Output section). Output
mixer volume is relative to AVDD, while an additional boost stage is available to accommodate higher
SPKVDD1/SPKVDD2 supply voltages. This allows AVDD to be run at a lower voltage to save power,
while maximum output power can be delivered to the load, utilising the full range of
SPKVDD1/SPKVDD2. Note that the BTL speaker connection provides an additional +6dB gain at the
output.
Figure 14 Speaker Boost Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com