Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8956CGEFL/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
10
TYPICAL POWER CONSUMPTION
DCVDD
(V)
DBVDD
(V)
SPKVDD
(V)
AVDD
(V)
DCVDD
(mA)
DBVDD
(mA)
SPKVDD
(mA)
AVDD
(mA)
Total Power
(mW)
1.71
1.71
2.7
2.7
0.00
0.00
0.00
0.03
0.08
1.8
1.8
3
3
0.00
0.00
0.00
0.03
0.10
1.8
3.3
3.3
3.3
0.00
0.00
0.00
0.03
0.11
3.6
3.6
5.5
3.6
0.00
0.00
0.00
0.03
0.13
1.71
1.71
2.7
2.7
0.00
0.00
0.00
0.01
0.02
1.8
1.8
3
3
0.00
0.00
0.00
0.01
0.03
1.8
3.3
3.3
3.3
0.00
0.00
0.00
0.01
0.03
3.6
3.6
5.5
3.6
0.00
0.00
0.00
0.01
0.04
1.71
1.71
2.7
2.7
0.00
0.00
0.00
0.03
0.09
1.8
1.8
3
3
0.00
0.00
0.00
0.04
0.11
1.8
3.3
3.3
3.3
0.00
0.00
0.00
0.04
0.12
3.6
3.6
5.5
3.6
0.00
0.00
0.00
0.04
0.13
OFF, SLEEP MODE
Sleep - Thermal sensors
enabled, VMID enabled using
250k VMID resistors
Off - Thermal sensor disabled,
no clocks
Off - Default state at power up
DCVDD
(V)
DBVDD
(V)
SPKVDD
(V)
AVDD
(V)
DCVDD
(mA)
DBVDD
(mA)
SPKVDD
(mA)
AVDD
(mA)
Total Power
(mW)
1.71
1.71
2.7
2.7
3.15
0.00
1.45
4.89
22.5
1.8
1.8
3
3
3.34
0.00
1.63
5.53
27.5
1.8
3.3
3.3
3.3
3.33
0.01
1.81
6.18
32.4
3.6
3.6
5.5
3.6
7.53
0.00
3.23
6.85
69.5
1.71
1.71
2.7
2.7
3.27
0.00
267
4.93
738.5
1.8
1.8
3
3
3.47
0.00
293
5.58
902.4
1.8
3.3
3.3
3.3
3.47
0.01
321
6.23
1085.6
3.6
3.6
5.5
3.6
8.76
0.01
511
6.54
2868.2
1.71
1.71
2.7
2.7
2.99
0.47
1.47
5.82
25.6
1.8
1.8
3
3
3.16
0.49
1.65
6.57
31.2
1.8
3.3
3.3
3.3
3.16
0.92
1.84
7.34
39.0
3.6
3.6
5.5
3.6
7.95
1.00
3.29
8.12
79.6
1.71
1.71
2.7
2.7
3.15
0.00
0.00
3.75
15.5
1.8
1.8
3
3
3.33
0.00
0.00
4.24
18.7
1.8
3.3
3.3
3.3
3.33
0.01
0.00
4.74
21.7
3.6
3.6
5.5
3.6
8.25
0.00
0.00
5.25
48.6
1.71
1.71
2.7
2.7
3.26
0.00
0.00
38.68
110.0
1.8
1.8
3
3
3.46
0.00
0.00
43.53
136.8
1.8
3.3
3.3
3.3
3.46
0.01
0.00
48.32
165.7
3.6
3.6
5.5
3.6
8.52
0.00
0.00
53.06
221.7
1.71
1.71
2.7
2.7
3.26
0.00
0.00
17.44
52.7
1.8
1.8
3
3
3.44
0.00
0.00
17.91
59.9
1.8
3.3
3.3
3.3
3.45
0.01
0.00
18.37
66.9
3.6
3.6
5.5
3.6
8.51
0.00
0.00
18.84
98.5
1.71
1.71
2.7
2.7
3.25
0.00
0.00
5.47
20.3
1.8
1.8
3
3
3.45
0.00
0.00
5.92
24.0
1.8
3.3
3.3
3.3
3.45
0.01
0.00
6.37
27.2
3.6
3.6
5.5
3.6
8.49
0.00
0.00
6.83
55.2
1.71
1.71
2.7
2.7
2.97
0.47
0.00
4.69
18.5
1.8
1.8
3
3
3.14
0.49
0.00
5.29
22.4
1.8
3.3
3.3
3.3
3.14
0.92
0.00
5.91
28.2
3.6
3.6
5.5
3.6
7.91
1.01
0.00
6.55
55.7
1.71
1.71
2.7
2.7
3.26
0.00
0.00
3.81
15.9
1.8
1.8
3
3
3.46
0.00
0.00
4.30
19.1
1.8
3.3
3.3
3.3
3.45
0.01
0.00
4.80
22.1
3.6
3.6
5.5
3.6
8.51
0.00
0.00
5.31
49.8
1.71
1.71
2.7
2.7
0.28
0.00
1.47
3.07
12.7
1.8
1.8
3
3
0.30
0.00
1.64
3.48
15.9
1.8
3.3
3.3
3.3
0.30
0.01
1.82
3.91
19.5
3.6
3.6
5.5
3.6
0.76
0.00
3.27
4.35
36.4
1.71
1.71
2.7
2.7
0.00
0.00
0.00
1.84
5.0
1.8
1.8
3
3
0.00
0.00
0.00
2.09
6.3
1.8
3.3
3.3
3.3
0.00
0.00
0.00
2.36
7.8
3.6
3.6
5.5
3.6
0.00
0.00
0.00
2.62
9.5
Bypass Mode - Stereo playback
bypassing ADC and DAC to
16Ohm HP (no signal)
Bypass Mode - Stereo playback
bypassing ADC and DAC to
Class D 8Ohm speaker (no
signal)
Playback Mode - Playback to
10kOhm HP, slave mode (0dB
FS 1kHz signal)
Playback Mode - Playback to
16Ohm HP, master mode, PLL
enabled (no signal)
Playback Mode - Playback to
16Ohm HP, slave mode.
(0.1mW/channel output)
Playback Mode - Playback to
16Ohm HP, slave mode
(5mW/channel output)
Playback Mode - Playback to
8Ohm speakers, slave mode (no
signal)
PLAYBACK MODE
Playback Mode - Playback to
8Ohm speakers, slave mode
(0dB FS 1kHz signal)
Playback Mode - Playback to
8Ohm speakers, master mode,
PLL enabled (no signal)
Playback Mode - Playback to
16Ohm HP, slave mode. No
Signal
Playback Mode - Playback to
16Ohm HP, slave mode (0dB FS
1kHz signal)
Note:
1. Power in the load is included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com