Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8956CGEFL/V Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
28
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
DAC Control (2)
6:5
DACPOL[1:0]
00
DAC Polarity Control:
00 = Polarity not inverted
01 = DAC L inverted
10 = DAC R inverted
11 = DAC L and R inverted
R23 (17h)
Additional
Control (1)
4
DMONOMIX
0
DAC Mono Mix
0 = Stereo
1 = Mono (Mono MIX output on
enabled DACs)
Table 12 DAC Mono Mix and Phase Invert Select
3D STEREO ENHANCEMENT
The WM8956 has a digital 3D enhancement option to artificially increase the separation between the
left and right channels. This effect can only be used for playback, not for record.
The 3D enhancement function is activated by the 3DEN bit, and the 3DDEPTH setting controls the
degree of stereo expansion. Additionally, one of four filter characteristics can be selected for the 3D
processing, using the 3DUC and 3DLC control bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16 (10h)
3D enhance
6
3DUC
0
Upper Cut-Off Frequency
0 = High (Recommended for
fs>=32kHz)
1 = Low (Recommended for
fs<32kHz)
5
3DLC
0
Lower Cut-Off Frequency
0 = Low (Recommended for
fs>=32kHz)
1 = High (Recommended for
fs<32kHz)
4:1
3DDEPTH
[3:0]
0000
3D Stereo Depth
0000 = 0% (minimum 3D effect)
0001 = 6.67%
....
1110 = 93.3%
1111 = 100% (maximum 3D effect)
0
3DEN
0
3D Stereo Enhancement Enable
0 = Disabled
1 = Enabled
Table 13 3D Stereo Enhancement Function
When 3D enhancement is enabled it may be necessary to attenuate the signal by 6dB to avoid
limiting. This is a user-selectable function, enabled by setting DACDIV2.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
DAC control (1)
7
DACDIV2
0
DAC 6dB attenuate enable
0 = disabled (0dB)
1 = -6dB enabled
Table 14 DAC 6dB Attenuation Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com