Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8988 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
WM8988
Production Data
w
PD, Rev 4.0, October 2008
42
The WM8988 has two possible device addresses, which can be selected using the CSB pin.
CSB STATE
DEVICE ADDRESS
Low
0011010 (0 x 34h)
High
0011011 (0 x 36h)
Table 38 2-Wire MPU Interface Address Selection
POWER SUPPLIES
The WM8988 can use up to four separate power supplies:
•
AVDD / AGND: Analogue supply, powers all analogue functions except the headphone drivers.
AVDD can range from 1.8V to 3.6V and has the most significant impact on overall power
consumption (except for power consumed in the headphone). A large AVDD slightly improves
audio quality.
•
HPVDD / HPGND: Headphone supply, powers the headphone drivers. HPVDD is normally tied
to AVDD, but it requires separate layout and decoupling capacitors to curb harmonic distortion.
If HPVDD is lower than AVDD, the output signal may be clipped.
•
DCVDD: Digital core supply, powers all digital functions except the audio and control
interfaces. DCVDD can range from 1.42V to 3.6V, and has no effect on audio quality. The
return path for DCVDD is DGND, which is shared with DBVDD.
•
DBVDD: Digital buffer supply, powers the audio and control interface buffers. This makes it
possible to run the digital core at very low voltages, saving power, while interfacing to other
digital devices using a higher voltage. DBVDD draws much less power than DCVDD, and has
no effect on audio quality. DBVDD can range from 1.8V to 3.6V. The return path for DBVDD is
DGND, which is shared with DCVDD.
It is possible to use the same supply voltage on all four. However, digital and analogue supplies
should be routed and decoupled separately to keep digital switching noise out of the analogue signal
paths.
POWER MANAGEMENT
The WM8988 has two control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To avoid any pop or click noise,
it is important to enable or disable functions in the correct order (see Applications Information).
VMIDSEL is the enable for the Vmid reference, which defaults to disabled and can be enabled as a
50k
Ω potential divider or, for low power maintenance of Vref when all other blocks are disabled, as a
500k
Ω potential divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com