Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8988 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
WM8988
Production Data
w
PD, Rev 4.0, October 2008
20
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8988 uses a multi-bit, oversampled sigma-delta ADC for each channel. The use of multi-bit
feedback and high oversampling rates reduces the effects of jitter and high frequency noise. The
ADC Full Scale input level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is
1.0 Volts r.m.s. Any voltage greater than full scale may overload the ADC and cause distortion.
ADC DIGITAL FILTER
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The digital
filter path is illustrated in Figure 8.
FROM ADC
DIGITAL
HPF
DIGITAL
FILTER
TO DIGITAL
AUDIO
INTERFACE
DIGITAL
DECIMATOR
ADCHPD
Figure 8 ADC Digital Filter
The ADC digital filters contain a digital high-pass filter, selectable via software control. The high-pass
filter response is detailed in the Digital Filter Characteristics section. When the high-pass filter is
enabled the DC offset is continuously calculated and subtracted from the input signal. By setting
HPOR, the last calculated DC offset value is stored when the high-pass filter is disabled and will
continue to be subtracted from the input signal.
If the DC offset is changed, the stored and
subtracted value will not change unless the high-pass filter is enabled. This feature can be used for
calibration purposes. In addition the high-pass filter may be enabled separately on the left and right
channels (see Table 11).
The output data format can be programmed by the user to accommodate stereo or monophonic
recording on both inputs.
The polarity of the output signal can also be changed under software
control. The software control is shown in Table 10.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:5
ADCPOL
[1:0]
00
00 = Polarity not inverted
01 = L polarity invert
10 = R polarity invert
11 = L and R polarity invert
4
HPOR
0
Store dc offset when high-pass
filter disabled
1 = store offset
0 = clear offset
R5 (05h)
ADC and DAC
Control
0
ADCHPD
0
R27 (1Bh)
5
HPFLREN
0
ADCHPD and HPFLREN together
determine high-pass filter
behaviour (see Table 11)
Table 10 ADC Signal Path Control
HPFLREN
ADCHPD
LEFT CHANNEL
RIGHT CHANNEL
0
0
HPF ON
HPF ON
0
1
HPF OFF
HPF OFF
1
0
HPF ON
HPF OFF
1
1
HPF OFF
HPF ON
Table 11 ADC High Pass Filter Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com