Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8988 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Production Data
WM8988
w
PD, Rev 4.0, October 2008
33
ENABLING THE OUTPUTS
Each analogue output of the WM8988 can be separately enabled or disabled. The analogue mixer
associated with each output is powered on or off along with the output pin. All outputs are disabled by
default. To save power, unused outputs should remain disabled.
Outputs can be enabled at any time, except when VREF is disabled (VR=0), as this may cause pop
noise (see “Power Management” and “Applications Information” sections)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
LOUT1
0
LOUT1 Enable
5
ROUT1
0
ROUT1 Enable
4
LOUT2
0
LOUT2 Enable
R26 (1Ah)
Power
Management
(2)
3
ROUT2
0
ROUT2 Enable
Note: All “Enable” bits are 1 = Enabled, 0 = Disabled
Table 28 Analogue Output Control
Whenever an analogue output is disabled, it remains connected to VREF (pin 20) through a resistor.
This helps to prevent pop noise when the output is re-enabled. The resistance between VREF and
each output can be controlled using the VROI bit in register 27. The default is low (1.5k
Ω), so that
any capacitors on the outputs can charge up quickly at start-up. If a high impedance is desired for
disabled outputs, VROI can then be set to 1, increasing the resistance to about 40k
Ω.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional (1)
6
VROI
0
VREF to analogue output resistance
0: 1.5 k
Ω
1: 40 k
Ω
Table 29 Disabled Outputs to VREF Resistance
THERMAL SHUTDOWN
The headphone outputs can drive very large currents. To protect the WM8988 from overheating a
thermal shutdown circuit is included. If the device temperature reaches approximately 150
0C and the
thermal shutdown circuit is enabled (TSDEN = 1 ) then the headphone amplifiers (outputs OUT1L/R
and OUT2L/R) will be disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
8
TSDEN
0
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 30 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com