Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8988 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
WM8988
Production Data
w
PD, Rev 4.0, October 2008
12
Test Conditions
DCVDD = 1.42V, DBVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Bit Clock Timing Information
BCLK rise time (10pF load)
tBCLKR
3
ns
BCLK fall time (10pF load)
tBCLKF
3
ns
BCLK duty cycle (normal mode, BCLK = MCLK/n)
tBCLKDS
50:50
BCLK duty cycle (USB mode, BCLK = MCLK)
tBCLKDS
TMCLKDS
Audio Data Input Timing Information
DACLRC propagation delay from BCLK falling edge
tDL
10
ns
ADCDAT propagation delay from BCLK falling edge
tDDA
10
ns
DACDAT setup time to BCLK rising edge
tDST
10
ns
DACDAT hold time from BCLK rising edge
tDHT
10
ns
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
DCVDD = 1.42V, DBVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
DACLRC set-up time to BCLK rising edge
tLRSU
10
ns
DACLRC hold time from BCLK rising edge
tLRH
10
ns
DACDAT hold time from BCLK rising edge
tDH
10
ns
ADCDAT propagation delay from BCLK falling edge
tDD
10
ns
Note:
BCLK period should always be greater than or equal to MCLK period.
BCLK
LRC
t
BCH
t
BCL
t
BCY
DACDAT
ADCDAT
t
LRSU
t
DS
t
LRH
t
DH
t
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com