Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8988 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
WM8988
Production Data
w
PD, Rev 4.0, October 2008
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
HPCOM
Control
7
HPCOMEN
0
Enables common mode feedback on
LOUT1 and ROUT1
0: Disable Common Mode Feedback
1: Enable Common Mode Feedback
Table 25 HPCOM Control
LOUT2/ROUT2 OUTPUTS
The LOUT2 and ROUT2 output pins are essentially similar to LOUT1 and ROUT1, but they are
independently controlled .
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
LOUT2VOL
[6:0]
1111001
(0dB)
LOUT2 Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0111111 to 0000000 = Analogue MUTE
7
LO2ZC
0
Left zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R40 (28h)
LOUT2
Volume
8
LO2VU
0
Same as LO1VU
6:0
ROUT2VOL
[6:0]
1111001
(0dB)
ROUT2 Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0111111 to 0000000 = Analogue MUTE
7
RO2ZC
0
Right zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R41 (29h)
ROUT2
Volume
8
RO2VU
0
Same as RO1VU
R24 (18h)
Additional
Control (2)
4
ROUT2INV
0
ROUT2 Invert
0 = No Inversion (0
° phase shift)
1 = Signal inverted (180
° phase shift)
Table 26 LOUT2/ROUT2 Volume Control
LOUT2/ROUT2 COMMON GROUND FEEDBACK (LCOM)
The LOUT2/ROUT2 outputs also have the option of incorporating common ground feedback from the
output signal ground, via a connection to the LCOM input. This common ground feedback signal
should be AC-coupled via a 4.7uF capacitor for headphone loads. AC coupling of these outputs if
they are used as LINE level outputs requires similar 1 to 4.7uF AC coupling capacitors depending
upon LINE load resistance.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
LCOM
Control
8
LCOMEN
0
Enables common mode feedback on
LOUT2 and ROUT2
0: Disable Common Mode Feedback
1: Enable Common Mode Feedback
Table 27 LCOM Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com