Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8988 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Production Data
WM8988
w
PD, Rev 4.0, October 2008
45
SAVING POWER AT HIGHER SUPPLY VOLTAGES
The analogue supplies to the WM8988 can run from 1.8V to 3.6V. By default, all analogue circuitry
on the device is optimized to run at 3.3V. This set-up is also good for all other supply voltages down
to 1.8V.
At lower voltages, performance can be improved by increasing the bias current. If low
power operation is preferred the bias current can be left at the default setting. This is controlled as
shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control(1)
7:6
VSEL
[1:0]
11
Analogue Bias optimization
00: Highest bias current, optimized for
AVDD=1.8V
01: Bias current optimized for AVDD=2.5V
1X: Lowest bias current, optimized for AVDD=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com