Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8988 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Production Data
WM8988
w
PD, Rev 4.0, October 2008
11
SIGNAL TIMING REQUIREMENTS
SYSTEM CLOCK TIMING
MCLK
t
MCLKL
t
MCLKH
t
MCLKY
Figure 1 System Clock Timing Requirements
Test Conditions
CLKDIV2=0, DCVDD = 1.42V, DBVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode fs = 48kHz, MCLK = 384fs, 24-bit data,
unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock pulse width high
TMCLKL
21
ns
MCLK System clock pulse width low
TMCLKH
21
ns
MCLK System clock cycle time
TMCLKY
54
ns
MCLK duty cycle
TMCLKDS
60:40
40:60
Test Conditions
CLKDIV2=1, DCVDD = 1.42V, DBVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode fs = 48kHz, MCLK = 384fs, 24-bit data,
unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock pulse width high
TMCLKL
10
ns
MCLK System clock pulse width low
TMCLKH
10
ns
MCLK System clock cycle time
TMCLKY
27
ns
AUDIO INTERFACE TIMING – MASTER MODE
Figure 2 Digital Audio Data Timing – Master Mode
BCLK
(Output)
ADCDAT
LRC
(Output)
t
DL
DACDAT
t
DDA
t
DHT
t
DST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com