Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2555 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # CT2555
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  CT2555 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Aeroflex Circuit Technology
4
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
INTERFACING
The CT2553 is compatible with most common
microprocessors including, but not limited to, the
Motorola 680 x 0, the Intel 808x, Zilog Z800x and
MIL-STD-1750 processors.
Interfacing the CT2553 to the MIL-STD-1553
Data
Bus
requires
two
Q1553-2
pulse
transformers and an external 16 MHz clock (See
Figure 2). Tri-state buffers are used to isolate the
CPU's data and address lines.
External RAM can be used instead of or in
conjunction with the CT2553's internal 8K x 16
bits. The external RAM used by the CT2553 can
be any standard static memory with an access
time of < 55ns. The external RAM can be
expanded to 64K x 16.
Two control signals, MEMENA-IN (pin 69) and
MEMENMA-OUT
(pin
31)
are
provided
in
addition to the standard memory I/O signals for
internal/external memory access control (See
Figures
3-5.
MEMEN-OUT
and
MEMEN-IN
should be tied together for Internal Memory Only
configuration.
Memory
CS
signals
can
be
generated
for
configurations
using
external
memory.
MEMORY MANAGEMENT
Memory can be configured to support two AREAs
(A and B), each with an independent sequential
stack
and
pointers
for
manipulating
1553
message and control data. The CPU can access
the shared RAM while 1553 message transfers
are taking place. Arbitration of the RAM is
automatically
implemented
in
a
manner
transparent to the subsystem (See Figures
28-31). Variable Length DATA BLOCKS are also
stored in the shared RAM and can be addressed
by setting pointers residing in Area A, Area B or
both.
For BC/RTU operation, each area contains a
Descriptor Stack and Stack Pointer (See Figures
6 and 7). BC operation further maintains a
Message Count for each area (number of 1553
messages per frame). RTU operation maintains a
data block address Look-Up Table for each area.
MT operation utilizes a single Stack Pointer to
indicate the starting address for storage of
received words and associated identification
Words.
CURRENT AREA ASSIGNMENT/SWAPPING.
Current area status (currently available to the
1553 terminal) is Software programmable by the
host; the unassigned area automatically assumes
non-current area status. Both areas are always
addressable by the host. Swapping of the Current
Area can be done following message transfers for
user operations such as exception handling or
multiple buffering of 1553 data.
The host selects the Current Area by writing to
the CT2553’s Configuration Register with bit 13
set to the appropriate logic level (0 for area A or 1
for area B). Internal circuitry ensures that the
swapping of Current Area Status does not occur
during
an
ongoing
message
transfer
(See
Configuration Register).
DESCRIPTOR
STACK
(BC/RTU).
The
DESCRIPTOR STACK (DS) is divided into 64
entries. Each stack entry contains four words
which refer to one 1553 message. The Block
Status Word (BSW) indicates the physical bus on
which the message was received (RTU mode),
reports whether or not an error was detected
during message transfer and indicates message
completion (See Figure 8).
The user-supplied Time Tag word is loaded at the
start of a message transfer and is updated at the
end of the transfer (See Time Tagging).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com