Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2555 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # CT2555
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  CT2555 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Aeroflex Circuit Technology
5
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
TX/RX-A
4
5
6
7
8
3
2
1
+
–
TX/RX-A
BUS-25679
TX/RX-B
4
5
6
7
8
3
2
1
+
–
TX/RX-B
BUS-25679
RTADDRESS
RTADP
1553 INTERFACE
+5V
-15V
+5V
MEMOE
HOST PROCESSOR
INT
STRBD
READYD
(54LS04)
MEM/REG
MSTRCLR
POR
SELECT
(SEE NOTE 2)
A0 - A12
ADDRESS
13
MEMENA-IN
MEMENA-OUT
(SEE NOTE 1)
(54LS244)
(OE)
ADDRESS
DECODER
(OE)
(DIR)
(54LS245)
DATA
D0 - D15
IOEN
16
ILLCMD
SA/MC-0
SA/MC-1
SA/MC-2
SA/MC-3
SA/MC-4
T/R
BCSTRCV
LMC
RD/WR
RD/WR
16MHz
CLOCK
20
59
69
31
73
71
74
33
34
75
72
12
36
30
32
17
XX
57
53
54
52
15
13
CT2553
ILLEGALIZATION
PROM
(OPTIONAL)
40
78
51
3
2
CPU
ROM
RAM
I/O
A0 - A12
Figure 2 – CT2553 Example Interconnection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com