| Electronic Components Datasheet Search |
|
CT2555 Datasheet(PDF) 22 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
CT2555 Datasheet(HTML) 22 Page - Aeroflex Circuit Technology |
|
22 / 36 page ![]() Aeroflex Circuit Technology 22 SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700 OVERRIDE TRANSMITTER SHUTDOWN (00101) MESSAGE SEQUENCE - OVERRIDE SHUTDOWN - STATUS This command is only used with dual redundant bus systems. The CT2553 responds with status. At the end of the status transmission, the CT2553 re-enables the transmitter of the redundant bus. If the command was broadcast, the broadcast received bit is set and status transmission is suppressed. ERROR CONDITIONS 1. Invalid Command. No response, command ignored. 2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count (BIT Word). 3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error (BIT Word). 4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code, T/R Error (BIT Word). INHIBIT TERMINAL FLAG BIT (00110) MESSAGE SEQUENCE - INHIBIT TERMINAL FLAG * STATUS The CT2553 responds with status and inhibits further internal or external setting of the terminal flag bit in the status register. Once the terminal flag has been inhibited, it can only be reactivated by an Override Inhibit Terminal Flag or Reset RT command. If the command was broadcast, the broadcast received bit is set and status transmission is suppressed. ERROR CONDITIONS 1. Invalid Command. No response, command ignored. 2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count (BIT Word). 3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error (BIT Word). 4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), T/R Error (BIT Word). OVERRIDE INHIBIT TERMINAL FLAG BIT (00111) MESSAGE SEQUENCE - OVERRIDE INHIBIT TERMINAL FLAG * STATUS The RTU responds with status and reactivates the terminal flag bit in the status register. If the command was broadcast, the broadcast received bit is set and status transmission is suppressed. ERROR CONDITIONS 1. Invalid Command. No response, command ignored. 2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count (BIT Word). 3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error (BIT Word). 4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), T/R Error (BIT Word). RESET REMOTE TERMINAL (01000) MESSAGE SEQUENCE - RESET REMOTE TERMINAL * STATUS The CT2553 responds with status and internally resets. Transmitter shutdown, mode commands, and inhibit terminal flag commands will be reset. If the command was broadcast, the broadcast received bit is set and the status word is suppressed. ERROR CONDITIONS 1. Invalid Command. No response, command ignored. 2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count (BIT Word). 3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error (BIT Word). 4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), T/R Error (BIT Word). RESERVED MODE CODES (01001-01111) MESSAGE SEQUENCE = RESERVED MODE CODES * STATUS The CT2553 responds with status. If the command is illegalized through an optional PROM, the message error bit is set and only the status word is transmitted. ERROR CONDITIONS 1. Invalid Command. No response, command ignored. 2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count (BIT Word). 3. T/R bit Set to Zero. No status response. Bits set: message error (SW), Illegal Mode Code (BIT Word). 4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code (BIT Word). Table 6 – Mode Codes (continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |