| Electronic Components Datasheet Search |
|
CT2555 Datasheet(PDF) 24 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
CT2555 Datasheet(HTML) 24 Page - Aeroflex Circuit Technology |
|
24 / 36 page ![]() Aeroflex Circuit Technology 24 SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700 SELECTED TRANSMITTER SHUTDOWN (10100) MESSAGE SEQUENCE - TRANSMITTER SHUTDOWN DATA * STATUS The data word received is transferred to the subsystem and status is transmitted. If the command was broadcast, the broadcast received bit is set and status transmission suppressed. Intended for use with RTs with more than one dual redundant channel. ERROR CONDITIONS 1. Invalid Command. No response, command ignored. 2. Command Not Followed by Data Word. No status response. Bits set: message error (SW), High Word Count, Illegal Mode Code (BIT Word). 3. Command Followed by too many Data Words. No status response. Bits set: message error (SW), Low Word Count, Illegal Mode Code (BIT Word). 4. Command T/R bit Set to One. No status response. Bits set: message error (SW), Illegal Mode Code, High word count (BIT Word). 5. Command T/R bit Set to One and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code, High Word Count (BIT Word). OVERRIDE SELECTED TRANSMITTER SHUTDOWN (10101) MESSAGE SEQUENCE - TRANSMITTER SHUTDOWN DATA * STATUS The data word received after the command word is transferred to the subsystem. If the command was broadcast, the broadcast received bit is set and status transmission suppressed. ERROR CONDITIONS 1. Invalid Command. No response, command ignored. 2. Command Not Followed by Data Word. No status response. Bits set: message error (SW), Low Word Count, Illegal Mode Code (BIT Word). 3. Command Followed by too many Data Words. No status response. Bits set: message error (SW), High Word Count, Illegal Mode Code (BIT Word). 4. Command T/R bit Set to One. No status response. Bits set: message error (SW), Illegal Mode Code, High Word Count (Bit Word). 5. Command T/R bit Set to One and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code, High Word Count, T/R (BIT Word). RESERVED MODE CODES MESSAGE SEQUENCE = RESERVED MODE CODE (T/R = 1) * STATUS RESERVED MODE CODE (T/R = 0) * STATUS The CT2553 responds with status. If the command was broadcast, the broadcast received bit is set and status transmission suppressed. ERROR CONDITIONS (T/R = 1) 1. Invalid Command. No response, command ignored. 2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count, Illegal Mode Code (BIT Word). ERROR CONDITIONS (T/R = 0) 1. Invalid Command. No response, command ignored. 2. Command not Followed by Contiguous Data Word. No status response. Bits set: message error (SW), High word Count, Illegal Mode Code (BIT Word). 3. Command Followed by too many Data Words. No status response. Bits set: message error (SW), High Word Count, Illegal Mode Code (BIT Word). Table 6 – Mode Codes (continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |