Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWF Datasheet(PDF) 2 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 2 Page - AVX Corporation

  LCWF Datasheet HTML 1Page - AVX Corporation LCWF Datasheet HTML 2Page - AVX Corporation LCWF Datasheet HTML 3Page - AVX Corporation LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
32
Wire Wound Chip Inductor (Ferrite)
LCWF Series
LC
Family
LC = Chip Inductor
WF
Series
WF = Wire
Wound Ferite
0603
Size
0603
0805
1008
1210
1812
2220
M
Tolerance
J = 5%
K = 10%
M = 20%
R
Packaging
R = 7" Reel
101
Inductance
39N = 0.039μH
R39 = 0.390μH
3R9 = 3.90μH
390 = 39μH
391 = 390μH
392 = 3900μH
103 = 10,000μH
G
Style
G = Standard
H = High Current/
High Q
R = Low Profile
T
Termination
T = Sn Plating
A
Special
A = Standard
HOW TO ORDER
COLOR CODING
STANDARD ELECTRICAL SPECIFICATIONS
0603 / 0805 / 1008 Type
Because of small sizes, these parts are marked with a single color dot.
The inductance value represented by the dot is shown on the data page for each type.
1st Code
3rd Code
1st Code
2nd Code
0603/0805
1008
0603
Codes
Inductance
Tolerance
Test Freq.
Q
SRF
DCR
IDC
Color
(μH)
(MHz)
Typ.
(MHz) Typ.
(Ω) Max.
(mA) Max.
Code
1R0
1.0
±10, ±20%
7.96
16
390
0.416
860
Black
1R5
1.5
±10, ±20%
7.96
16
160
0.520
720
Brown
1R8
1.8
±10, ±20%
7.96
16
121
0.559
640
Red
2R2
2.2
±10, ±20%
7.96
16
103
0.728
600
Orange
2R7
2.7
±10, ±20%
7.96
16
72
0.806
540
Yellow
3R3
3.3
±10, ±20%
7.96
16
66
0.910
500
Green
3R9
3.9
±10, ±20%
7.96
16
61
1.079
460
Blue
4R7
4.7
±10, ±20%
7.96
16
51
1.261
400
Violet
5R6
5.6
±10, ±20%
7.96
16
47
1.430
380
Gray
6R8
6.8
±10, ±20%
7.96
16
43
1.950
340
White
8R2
8.2
±10, ±20%
7.96
16
40
2.184
300
Black
100
10
±10, ±20%
2.52
14
36
2.405
280
Brown
120
12
±10, ±20%
2.52
14
32
2.964
260
Red
150
15
±10, ±20%
2.52
14
29
3.380
240
Orange
180
18
±10, ±20%
2.52
14
28
3.770
220
Yellow
220
22
±10, ±20%
2.52
14
24
4.693
200
Green
270
27
±10, ±20%
2.52
14
20
6.760
140
Blue
330
33
±10, ±20%
2.52
14
15
8.580
120
Violet
Test Equipment: L, Q: HP4291
SRF: HP4291
RDC: Agilent 34401A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com