Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWF Datasheet(PDF) 9 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 9 Page - AVX Corporation

Back Button LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation LCWF Datasheet HTML 10Page - AVX Corporation LCWF Datasheet HTML 11Page - AVX Corporation LCWF Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
39
1812
Codes
Inductance
Tolerance
Q.
Test Freq.
SRF
DCR
IDC
(μH)
Min.
(MHz)
(MHz) min.
(Ω) max.
(mA) max.
1R0
1.0
±10%
10
7.96
200
0.11
1050
1R2
1.2
±10%
10
7.96
160
0.12
1000
1R5
1.5
±10%
10
7.96
130
0.15
950
1R8
1.8
±10%
10
7.96
100
0.16
900
2R2
2.2
±10%
10
7.96
80
0.18
850
2R7
2.7
±10%
10
7.96
60
0.20
800
3R3
3.3
±10%
10
7.96
45
0.22
750
3R9
3.9
±10%
10
7.96
40
0.24
700
4R7
4.7
±10%
10
7.96
35
0.27
650
5R6
5.6
±10%
10
7.96
30
0.30
650
6R8
6.8
±10%
10
7.96
28
0.35
600
8R2
8.2
±10%
10
7.96
25
0.40
600
100
10
±10%
10
2.52
22
0.50
550
120
12
±10%
10
2.52
21
0.60
500
150
15
±10%
10
2.52
20
0.70
450
180
18
±10%
10
2.52
19
0.80
400
220
22
±10%
10
2.52
18
0.90
370
270
27
±10%
10
2.52
16
1.20
330
330
33
±10%
10
2.52
14
1.40
300
390
39
±10%
10
2.52
12
1.60
280
470
47
±10%
10
2.52
11.5
1.90
260
560
56
±10%
10
2.52
11
2.20
240
680
68
±10%
10
2.52
10
2.60
220
820
82
±10%
10
2.52
9
3.50
200
101
100
±10%
20
0.796
8
4.00
180
121
120
±10%
20
0.796
7.5
4.50
160
151
150
±10%
20
0.796
7
6.50
140
181
180
±10%
20
0.796
6.5
7.50
120
221
220
±10%
20
0.796
5.5
9.00
120
271
270
±10%
20
0.796
5
11.0
100
331
330
±10%
20
0.796
4
13.0
90
391
390
±10%
20
0.796
3.8
23.0
80
471
470
±10%
20
0.796
3.5
26
75
561
560
±10%
20
0.796
2.8
30
70
681
680
±10%
20
0.796
2.6
40
65
821
820
±10%
20
0.796
2.5
45
60
Wire Wound Chip Inductor (Ferrite)
LCWF Series
Test Equipment: L, Q: HP4291
SRF: HP4291
RDC: Agilent 34401A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com