Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWF Datasheet(PDF) 3 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 3 Page - AVX Corporation

  LCWF Datasheet HTML 1Page - AVX Corporation LCWF Datasheet HTML 2Page - AVX Corporation LCWF Datasheet HTML 3Page - AVX Corporation LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
33
Wire Wound Chip Inductor (Ferrite)
LCWF Series
0805
Codes
Inductance
Tolerance
Test Freq.
Q
SRF
DCR
IDC
Color
(μH)
(MHz)
Typ.
(MHz) Typ.
(Ω) Max.
(mA) Max.
Code
R11
0.11
±10%
25.2
25
1200
0.05
2000
White
R12
0.12
±5, ±10%
25.2
20
700
0.18
1100
Violet
R15
0.15
±5, ±10%
25.2
20
900
0.18
1100
Gray
R18
0.18
±5, ±10%
25.2
20
600
0.20
800
Black
R22
0.22
±5, ±10%
25.2
20
550
0.25
700
Brown
R27
0.27
±5, ±10%
25.2
20
550
0.38
700
Red
R33
0.33
±5, ±10%
25.2
20
550
0.35
650
Orange
R39
0.39
±5, ±10%
25.2
20
420
0.35
600
Yellow
R47
0.47
±5, ±10%
25.2
20
350
0.45
600
Green
R56
0.56
±5, ±10%
25.2
20
300
0.45
550
Blue
R62
0.62
±5, ±10%
25.2
30
640
0.45
980
Brown
R68
0.68
±5, ±10%
25.2
20
300
0.60
500
Violet
R82
0.82
±5, ±10%
25.2
20
300
0.55
500
Gray
R91
0.91
±5, ±10%
25.2
30
500
0.55
900
Yellow
1R0
1.0
±5, ±10%
7.96
15
280
0.80
450
White
1R2
1.2
±5, ±10%
7.96
15
280
0.90
400
Black
1R5
1.5
±5, ±10%
7.96
15
250
1.05
350
Brown
1R8
1.8
±5, ±10%
7.96
15
120
1.00
350
Red
2R2
2.2
±5, ±10%
7.96
15
110
1.10
320
Orange
2R7
2.7
±5, ±10%
7.96
15
70
1.20
320
Yellow
3R3
3.3
±5, ±10%
7.96
15
60
1.50
300
Green
3R9
3.9
±5, ±10%
7.96
15
55
1.75
300
Blue
4R7
4.7
±5, ±10%
7.96
15
45
2.10
200
Violet
5R6
5.6
±5, ±10%
7.96
15
40
2.30
250
Gray
6R8
6.8
±5, ±10%
7.96
15
36
2.70
200
White
8R2
8.2
±5, ±10%
7.96
15
33
3.30
180
Black
100
10
±5, ±10%
2.52
10
30
4.50
180
Brown
120
12
±5, ±10%
2.52
16
37
2.80
220
Red
150
15
±5, ±10%
2.52
16
30
3.80
200
Orange
180
18
±5, ±10%
2.52
16
23
4.48
180
Yellow
220
22
±5, ±10%
2.52
16
20
6.30
160
Green
270
27
±5, ±10%
2.52
16
19
6.85
140
Blue
330
33
±5, ±10%
2.52
16
18
7.60
120
Violet
390
39
±5, ±10%
2.52
15
16
8.20
100
Gray
Test Equipment: L, Q: HP4291
SRF: HP4291
RDC: Agilent 34401A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com