Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWF Datasheet(PDF) 5 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 5 Page - AVX Corporation

  LCWF Datasheet HTML 1Page - AVX Corporation LCWF Datasheet HTML 2Page - AVX Corporation LCWF Datasheet HTML 3Page - AVX Corporation LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
35
Wire Wound Chip Inductor (Ferrite)
LCWF Series
Test Equipment: L, Q: HP4291 for 0.18μH~82μH; HP4284 for 100μH~220μH
SRF: HP4291
RDC: Agilent
1210
Codes
Inductance
Tolerance
Test Freq.
Q.
SRF
DCR
IDC
(μH)
(MHz)
Min.
(MHz) min.
(Ω) max.
(mA) max.
R18
0.18
±20%
25.2
30
400
0.28
450
R22
0.22
±20%
25.2
30
350
0.32
450
R27
0.27
±20%
25.2
30
320
0.36
450
R33
0.33
±20%
25.2
30
300
0.40
450
R39
0.39
±20%
25.2
30
250
0.45
450
R47
0.47
±20%
25.2
30
220
0.50
450
R56
0.56
±20%
25.2
30
180
0.55
450
R68
0.68
±20%
25.2
30
160
0.60
450
R82
0.82
±20%
25.2
30
140
0.65
450
1R0
1.0
±10%
7.96
30
120
0.70
400
1R2
1.2
±10%
7.96
30
100
0.75
390
1R5
1.5
±10%
7.96
30
85
0.85
370
1R8
1.8
±10%
7.96
30
80
0.90
350
2R2
2.2
±10%
7.96
30
75
1.00
320
2R7
2.7
±10%
7.96
30
70
1.10
290
3R3
3.3
±10%
7.96
30
60
1.20
260
3R9
3.9
±10%
7.96
30
55
1.30
250
4R7
4.7
±10%
7.96
30
50
1.50
220
5R6
5.6
±10%
7.96
30
45
1.60
200
6R8
6.8
±10%
7.96
30
40
1.80
180
8R2
8.2
±10%
7.96
30
35
2.00
170
100
10
±10%
2.52
30
30
2.10
150
120
12
±10%
2.52
30
20
2.50
140
150
15
±10%
2.52
30
20
2.80
130
180
18
±10%
2.52
30
20
3.30
120
220
22
±10%
2.52
30
20
3.70
110
270
27
±10%
2.52
30
20
5.00
80
330
33
±10%
2.52
30
17
5.60
70
390
39
±10%
2.52
30
16
6.40
65
470
47
±10%
2.52
30
15
7.00
60
560
56
±10%
2.52
30
13
8.00
55
680
68
±10%
2.52
30
12
9.00
50
820
82
±10%
2.52
30
11
10.00
45
101
100
±10%
0.796
20
10
10.00
40
121
120
±10%
0.796
20
10
11.00
70
151
150
±10%
0.796
20
8
15.00
65
181
180
±10%
0.796
20
7
17.00
60
221
220
±10%
0.796
20
7
21.00
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com