Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWF Datasheet(PDF) 7 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 7 Page - AVX Corporation

Back Button LCWF Datasheet HTML 3Page - AVX Corporation LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation LCWF Datasheet HTML 10Page - AVX Corporation LCWF Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
37
Wire Wound Chip Inductor (Ferrite)
LCWF Series
LOW PROFILE ELECTRICAL SPECIFICATIONS
0805
Codes
Inductance
Tolerance
Q.
Test Freq.
SRF
DCR
IDC
(μH)
Min.
(MHz)
(MHz) min.
(Ω) max.
(mA) max.
1R0
1.0
±5, ±10%
15
7.96
115
0.90
450
3R3
3.3
±5, ±10%
13
7.96
70
1.40
450
4R7
4.7
±5, ±10%
15
7.96
65
1.90
400
6R8
6.8
±5, ±10%
15
7.96
41
2.40
400
100
10
±5, ±10%
14
7.96
31
2.70
400
150
15
±5, ±10%
12
7.96
28
5.00
300
220
22
±5, ±10%
10
7.96
25
6.00
250
Test Equipment: L, Q: HP4291
SRF: HP4291
RDC: Agilent 34401A
0603
Codes
Inductance
Tolerance
Q
Test Freq.
SRF
DCR
IDC
Color
(μH)
Typ.
(MHz)
(MHz) Typ.
(Ω) Max.
(mA) Max.
Code
47N
0.047
±10%
12
7.96
2000
0.075
1800
White
51N
0.051
±10%
12
7.96
1500
0.075
1800
Violet
68N
0.068
±10%
12
7.96
1500
0.12
1800
Gray
72N
0.072
±10%
12
7.96
1500
0.12
1800
Brown
R10
0.10
±10%
12
7.96
1150
0.13
1700
Black
R12
0.12
±5, ±10%
12
7.96
1100
0.15
1700
Orange
R15
0.15
±5, ±10%
15
7.96
1050
0.15
1600
Brown
R18
0.18
±5, ±10%
15
7.96
950
0.15
1500
Green
R22
0.22
±5, ±10%
15
7.96
900
0.30
1200
Red
R24
0.24
±5, ±10%
15
7.96
850
0.16
1460
Green
R27
0.27
±5, ±10%
15
7.96
835
0.30
1460
Yellow
R33
0.33
±5, ±10%
15
7.96
725
0.40
1420
Orange
R39
0.39
±5, ±10%
15
7.96
680
0.41
1400
Blue
R47
0.47
±5, ±10%
15
7.96
640
0.43
1400
Black
R56
0.56
±5, ±10%
15
7.96
630
0.44
1400
Brown
R68
0.68
±5, ±10%
15
7.96
510
0.52
1340
Red
R78
0.78
±5, ±10%
15
7.96
465
0.63
1300
Orange
R82
0.82
±5, ±10%
15
7.96
460
0.69
1200
Yellow
1R0
1.0
±5, ±10%
15
7.96
320
0.81
1100
Green
1R2
1.2
±5, ±10%
15
7.96
270
0.87
1000
Blue
1R5
1.5
±5, ±10%
15
7.96
230
0.96
920
Violet
1R8
1.8
±5, ±10%
15
7.96
210
1.10
900
Gray
2R2
2.2
±5, ±10%
15
7.96
115
1.20
740
White
2R7
2.7
±5, ±10%
15
7.96
100
1.38
700
Black
3R3
3.3
±5, ±10%
15
7.96
84
1.50
680
Brown
3R9
3.9
±5, ±10%
15
7.96
75
1.50
600
Red
4R7
4.7
±5, ±10%
15
7.96
67
2.10
580
Orange
5R6
5.6
±5, ±10%
15
7.96
55
2.37
540
Yellow
6R8
6.8
±5, ±10%
15
7.96
48
3.10
500
Green
7R8
7.8
±5, ±10%
15
7.96
40
3.35
460
Blue
8R2
8.2
±5, ±10%
15
7.96
38
3.50
440
Violet
100
10
±5, ±10%
15
7.96
32
4.46
400
Gray
LARGE CURRENT ELECTRICAL SPECIFICATIONS
Test Equipment: L, Q: HP4291
SRF: HP4291
RDC: Agilent 34401A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com