Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWF Datasheet(PDF) 8 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 8 Page - AVX Corporation

Back Button LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation LCWF Datasheet HTML 10Page - AVX Corporation LCWF Datasheet HTML 11Page - AVX Corporation LCWF Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
38
0805
Codes
Inductance
Tolerance
Test Freq.
Q
SRF
DCR
IDC
Color
(μH)
(MHz)
Typ.
(MHz) Typ.
(Ω) Max.
(mA) Max.
Code
R47
0.47
±10, ±20%
25.2
14
850
0.156
1400
Blue
R68
0.68
±10, ±20%
25.2
14
765
0.195
1200
Gray
1R0
1.00
±10, ±20%
7.96
14
208
0.169
1100
Black
1R2
1.20
±10, ±20%
7.96
14
159
0.208
960
Red
1R5
1.50
±10, ±20%
7.96
14
159
0.221
920
Brown
1R8
1.80
±10, ±20%
7.96
14
112
0.260
860
Orange
2R2
2.20
±10, ±20%
7.96
13
87
0.286
740
Red
2R7
2.70
±10, ±20%
7.96
13
72
0.325
680
Yellow
3R3
3.30
±10, ±20%
7.96
12
70
0.364
620
Orange
3R9
3.90
±10, ±20%
7.96
14
61
0.494
580
Green
4R7
4.70
±10, ±20%
7.96
14
51
0.559
520
Yellow
5R6
5.60
±10, ±20%
7.96
12
47
0.650
480
Blue
6R8
6.80
±10, ±20%
7.96
14
46
0.884
420
Green
8R2
8.20
±10, ±20%
7.96
13
33
0.949
400
Violet
100
10
±5, ±10,±20%
2.52
14
31
1.105
360
Blue
120
12
±5, ±10,±20%
2.52
14
30
1.17
340
Gray
150
15
±5, ±10,±20%
2.52
15
28
1.82
300
Violet
180
18
±5, ±10,±20%
2.52
15
27
2.01
280
White
220
22
±5, ±10,±20%
2.52
15
20
2.28
240
Gray
270
27
±5, ±10,±20%
2.52
15
17
2.60
220
Black
330
33
±5, ±10,±20%
2.52
15
17
3.05
200
White
470
47
±5, ±10,±20%
2.52
14
15
4.42
160
Black
560
56
±5, ±10,±20%
2.52
14
10
5.74
150
Yellow
680
68
±5, ±10,±20%
2.52
14
10
5.78
140
Brown
820
82
±5, ±10,±20%
2.52
14
10
9.75
100
Orange
101
100
±5, ±10,±20%
1
10
9
9.75
100
Red
1008
Codes
Inductance
Tolerance
Q
Test Freq.
SRF
DCR
IDC
Color Code
(μH)
Typ.
(MHz)
(MHz) Typ.
(Ω) Max.
(mA) Max.
R22
0.22
±5, ±10%
35
25.2
800
0.15
2600
Red
Red
Brown
R47
0.47
±5, ±10%
35
25.2
460
0.20
2400
Yellow
Violet
Brown
R68
0.68
±5, ±10%
35
25.2
400
0.30
2200
Blue
Gray
Brown
R82
0.82
±5, ±10%
35
25.2
360
0.35
1800
Gray
Red
Brown
1R0
1.0
±5, ±10%
22
7.96
245
0.35
800
Brown
Black
Red
1R2
1.2
±5, ±10%
25
7.96
230
0.40
550
Brown
Red
Red
1R5
1.5
±5, ±10%
25
7.96
182
0.45
550
Brown
Green
Red
1R8
1.8
±5, ±10%
25
7.96
135
0.55
550
Brown
Gray
Red
2R2
2.2
±5, ±10%
22
7.96
105
0.60
500
Red
Red
Red
2R7
2.7
±5, ±10%
25
7.96
70
0.70
500
Red
Violet
Red
3R3
3.3
±5, ±10%
22
7.96
55
0.75
450
Orange
Orange
Red
3R9
3.9
±5, ±10%
25
7.96
50
0.80
450
Orange
White
Red
4R7
4.7
±5, ±10%
22
7.96
45
0.90
400
Yellow
Violet
Red
5R6
5.6
±5, ±10%
22
7.96
42
1.05
400
Green
Blue
Red
6R8
6.8
±5, ±10%
22
7.96
40
1.05
400
Blue
Gray
Red
8R2
8.2
±5, ±10%
22
7.96
36
1.30
350
Gray
Red
Red
100
10
±5, ±10%
20
2.52
35
1.55
300
Brown
Black
Orange
120
12
±5, ±10%
20
2.52
30
2.10
280
Brown
Red
Orange
150
15
±5, ±10%
20
2.52
24
2.38
250
Brown
Green
Orange
180
18
±5, ±10%
20
2.52
20
2.60
200
Brown
Gray
Orange
220
22
±5, ±10%
20
2.52
18
2.92
200
Red
Red
Orange
330
33
±5, ±10%
20
2.52
16
4.10
180
Orange
Orange
Orange
470
47
±5, ±10%
23
2.52
17
7.80
350
Yellow
Violet
Orange
101
100
±5, ±10%
13
1
4
13.2
200
Brown
Black
Yellow
221
220
±5, ±10%
13
1
3
26.5
140
Red
Red
Yellow
331
330
±5, ±10%
13
1
2
32.5
110
Orange
Orange
Yellow
Wire Wound Chip Inductor (Ferrite)
LCWF Series
Test Equipment: L, Q: HP4291
SRF: HP4291
RDC: Agilent 34401A
Test Equipment: L, Q: HP4291
SRF: HP4291
RDC: Agilent 34401A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com