Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWF Datasheet(PDF) 6 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 6 Page - AVX Corporation

Back Button LCWF Datasheet HTML 2Page - AVX Corporation LCWF Datasheet HTML 3Page - AVX Corporation LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation LCWF Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
36
Wire Wound Chip Inductor (Ferrite)
LCWF Series
1812
Codes
Inductance
Tolerance
Test Freq.
Q.
SRF
DCR
IDC
(μH)
(MHz)
Min.
(MHz) min.
(Ω) max.
(mA) max.
R18
0.18
±20%
25.2
30
220
0.24
700
R22
0.22
±20%
25.2
30
200
0.25
665
R27
0.27
±20%
25.2
30
180
0.26
635
R33
0.33
±20%
25.2
30
165
0.28
605
R39
0.39
±20%
25.2
30
150
0.30
575
R47
0.47
±20%
25.2
30
145
0.32
545
R56
0.56
±20%
25.2
30
140
0.36
520
R68
0.68
±20%
25.2
30
135
0.40
500
R82
0.82
±20%
25.2
30
130
0.45
475
1R0
1.0
±10%
7.96
50
100
0.50
450
1R2
1.2
±10%
7.96
50
80
0.55
430
1R5
1.5
±10%
7.96
50
70
0.60
410
1R8
1.8
±10%
7.96
50
60
0.65
390
2R2
2.2
±10%
7.96
50
55
0.70
380
2R7
2.7
±10%
7.96
50
50
0.75
370
3R3
3.3
±10%
7.96
50
45
0.80
355
3R9
3.9
±10%
7.96
50
40
0.90
330
4R7
4.7
±10%
7.96
50
35
1.00
315
5R6
5.6
±10%
7.96
50
33
1.10
300
6R8
6.8
±10%
7.96
50
27
1.20
285
8R2
8.2
±10%
7.96
50
25
1.40
270
100
10
±10%
2.52
50
20
1.60
250
120
12
±10%
2.52
50
18
2.00
225
150
15
±10%
2.52
50
17
2.50
200
180
18
±10%
2.52
50
15
2.80
190
220
22
±10%
2.52
50
13
3.20
180
270
27
±10%
2.52
50
12
3.60
170
330
33
±10%
2.52
50
11
4.00
160
390
39
±10%
2.52
50
10
4.50
150
470
47
±10%
2.52
50
10
5.00
140
560
56
±10%
2.52
50
9
5.50
135
680
68
±10%
2.52
50
9
6.00
130
820
82
±10%
2.52
50
8
7.00
120
101
100
±10%
0.796
40
8
8.00
110
121
120
±10%
0.796
40
6
8.00
110
151
150
±10%
0.796
40
5
9.00
105
181
180
±10%
0.796
40
5
9.50
102
221
220
±10%
0.796
40
4
10.0
100
271
270
±10%
0.796
30
4
15.0
92
331
330
±10%
0.796
30
3.5
15.0
85
391
390
±10%
0.796
30
3
18.0
80
471
470
±10%
0.796
30
3
26.0
62
561
560
±10%
0.796
30
3
30.0
50
681
680
±10%
0.796
30
3
30.0
50
821
820
±10%
0.796
30
2.5
43.0
30
2220
Codes
Inductance
Tolerance
Test Freq.
Q.
SRF
DCR
IDC
(μH)
(MHz)
Min.
(MHz) min.
(Ω) max.
(mA) max.
122
1200
±5, ±10%
0.252
20
1.5
17
75
152
1500
±5, ±10%
0.252
20
1.4
20
70
182
1800
±5, ±10%
0.252
20
1.3
30
60
222
2200
±5, ±10%
0.252
20
1.2
35
55
272
2700
±5, ±10%
0.252
20
1.1
55
45
332
3300
±5, ±10%
0.252
20
1.0
60
40
392
3900
±5, ±10%
0.252
20
1.0
70
38
472
4700
±5, ±10%
0.252
20
0.9
78
36
562
5600
±5, ±10%
0.252
20
0.8
85
33
682
6800
±5, ±10%
0.252
20
0.7
110
30
822
8200
±5, ±10%
0.252
20
0.6
125
28
103
10,000
±5, ±10%
0.0796
15
0.5
150
25
Test Equipment: L, Q: HP4291 for 0.18μH~82μH; HP4284 for 100μH~820μH
SRF: HP4291
RDC: Agilent 34401A
Test Equipment: L, Q: HP4284
SRF: HP4291
RDC: Agilent 34401A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com