Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWF Datasheet(PDF) 10 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 10 Page - AVX Corporation

Back Button LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation LCWF Datasheet HTML 10Page - AVX Corporation LCWF Datasheet HTML 11Page - AVX Corporation LCWF Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
40
2220
Codes
Inductance
Tolerance
Q.
Test Freq.
SRF
DCR
IDC
(μH)
Min.
(MHz)
(MHz) min.
(Ω) max.
(mA) max.
1R0
1.0
±10,±20%
10
7.96
95
0.03
1800
1R2
1.2
±10, ±20%
10
7.96
70
0.035
1700
1R5
1.5
±10, ±20%
10
7.96
55
0.04
1600
1R8
1.8
±10, ±20%
10
7.96
47
0.05
1400
2R2
2.2
±10, ±20%
10
7.96
42
0.06
1300
2R7
2.7
±10, ±20%
10
7.96
37
0.07
1200
3R3
3.3
±10, ±20%
10
7.96
34
0.08
1120
3R9
3.9
±10, ±20%
10
7.96
32
0.09
1050
4R7
4.7
±10, ±20%
10
7.96
29
0.11
950
5R6
5.6
±10, ±20%
10
7.96
26
0.13
880
6R8
6.8
±10, ±20%
10
7.96
24
0.15
810
8R2
8.2
±10, ±20%
10
7.96
22
0.18
750
100
10
±10, ±20%
10
2.52
19
0.21
690
120
12
±10, ±20%
10
2.52
17
0.25
630
150
15
±10, ±20%
10
2.52
16
0.30
580
180
18
±10, ±20%
10
2.52
14
0.36
530
220
22
±5, ±10%
10
2.52
13
0.43
480
270
27
±5, ±10%
10
2.52
11.5
0.52
440
330
33
±5, ±10%
10
2.52
10.5
0.62
400
390
39
±5, ±10%
10
2.52
9.5
0.72
370
470
47
±5, ±10%
10
2.52
8.5
0.85
340
560
56
±5, ±10%
10
2.52
7.8
1.00
310
680
68
±5, ±10%
10
2.52
7.0
1.2
290
820
82
±5, ±10%
10
2.52
6.4
1.4
270
101
100
±5, ±10%
20
0.796
6.0
1.6
250
121
120
±5, ±10%
20
0.796
5.4
1.9
230
151
150
±5, ±10%
20
0.796
4.8
2.2
210
181
180
±5, ±10%
20
0.796
4.4
2.8
190
221
220
±5, ±10%
20
0.796
3.9
3.4
170
271
270
±5, ±10%
20
0.796
3.6
4.2
155
331
330
±5, ±10%
20
0.796
3.2
4.9
140
391
390
±5, ±10%
20
0.796
2.9
5.8
130
471
470
±5, ±10%
20
0.796
2.6
7.0
120
561
560
±5, ±10%
20
0.796
2.4
8.5
110
681
680
±5, ±10%
20
0.796
2.2
10
100
821
820
±5, ±10%
20
0.796
2.0
13
90
102
1000
±5, ±10%
20
0.252
1.8
15
85
Wire Wound Chip Inductor (Ferrite)
LCWF Series
Test Equipment: L, Q: HP4291 for 1.0pH ~ 82pH; HP4284 for 100pH ~ 1000pH
SRF: HP4291
RDC: Agilent 34401A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com