Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1030CPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS1030CPWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS1030CPWR Datasheet HTML 18Page - Texas Instruments THS1030CPWR Datasheet HTML 19Page - Texas Instruments THS1030CPWR Datasheet HTML 20Page - Texas Instruments THS1030CPWR Datasheet HTML 21Page - Texas Instruments THS1030CPWR Datasheet HTML 22Page - Texas Instruments THS1030CPWR Datasheet HTML 23Page - Texas Instruments THS1030CPWR Datasheet HTML 24Page - Texas Instruments THS1030CPWR Datasheet HTML 25Page - Texas Instruments THS1030CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
operating configuration examples (continued)
AIN
REFTS
REFBS
REFTF
REFBF
REFSENSE
MODE
1.4 V
0.6 V
0.1
µF
10
µF
0.1
µF
0.1
µF
VREF = 1.6 V
RA
RB
1 V
1.4 V
0.6 V
1 V
AIN+
AIN−
AVDD
2
Figure 25. Differential Operation
Figure 26 shows a center span configuration for an input waveform swinging between 0.2 V and 1.9 V. Pins
REFTS and REFBS are connected to a voltage source of 1.05 V, equal to the mid-scale of the input waveform.
REFTF−REFBF should be set equal to the span of the input waveform, 1.7 V, so VREF is connected to an
external source of 1.7 V. REFSENSE must be connected to AVDD to disable the ORG output to VREF (see
Figure 23) to allow this external source to be applied.
AIN
REFTS
REFBS
REFTF
REFBF
REFSENSE
MODE
1.9 V
0.2 V
0.1
µF
10
µF
0.1
µF
0.1
µF
1.05 V
DC SOURCE = 1.05 V
VREF
DC SOURCE = 1.7 V
AVDD
AVDD
2
Figure 26. Center Span Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com