Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1030CPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS1030CPWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS1030CPWR Datasheet HTML 9Page - Texas Instruments THS1030CPWR Datasheet HTML 10Page - Texas Instruments THS1030CPWR Datasheet HTML 11Page - Texas Instruments THS1030CPWR Datasheet HTML 12Page - Texas Instruments THS1030CPWR Datasheet HTML 13Page - Texas Instruments THS1030CPWR Datasheet HTML 14Page - Texas Instruments THS1030CPWR Datasheet HTML 15Page - Texas Instruments THS1030CPWR Datasheet HTML 16Page - Texas Instruments THS1030CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
sample and hold
The analog input signal AIN is applied to the AIN pin, either dc-coupled or ac-coupled.
The differential sample and hold processes AIN with respect to the voltages applied to the REFTS and REFBS
pins, to give a differential output VP+ − VP − = VP given by:
VP
+ A
IN *
VM
Where:
VM
+
(REFTS
) REFBS)
2
For single-ended input signals, VM is a constant voltage; usually the AIN mid-scale input voltage. However if
MODE = AVDD/2 then REFTS and REFBS can be connected together to operate with AIN as a complementary
pair of differential inputs (see Figures 16 and 17).
analog-to-digital converter
In all operating configurations, VP is digitized against ADC reference voltages REFTF and REFBF, full-scale
values of VP being given by:
VPFS
)+
) (REFTF * REFBF)
2
VPFS
*+
* (REFTF * REFBF)
2
VP voltages outside the range VPFS− to VPFS+ lie outside the conversion range of the ADC. Attempts to
convert out-of-range inputs are signaled to the application by driving the OVR output pin high. VP voltages less
than VPFS− give ADC output code 0. VP voltages greater than VPFS+ give output code 1023.
complete system
Combining the above equations, the analog full scale input voltages at AIN which give VPFS+ and VPFS− at
the sample and hold output are:
A
IN +
FS
)+ VM )
(REFTF
* REFBF)
2
and
A
IN +
FS
*+ VM *
(REFTF
* REFBF)
2
The analog input span (voltage range) that lies within the ADC conversion range is:
Input span
+ [(FS )) * (FS *)] + (REFTF * REFBF)
The REFTF and REFBF voltage difference sets the device input range. The next sections describe in detail the
various methods available for setting voltages REFTF and REFBF to obtain the desired input span and ADC
performance.
(1)
(2)
(3)
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com