Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1030CPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS1030CPWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030CPWR Datasheet(HTML) 5 Page - Texas Instruments

  THS1030CPWR Datasheet HTML 1Page - Texas Instruments THS1030CPWR Datasheet HTML 2Page - Texas Instruments THS1030CPWR Datasheet HTML 3Page - Texas Instruments THS1030CPWR Datasheet HTML 4Page - Texas Instruments THS1030CPWR Datasheet HTML 5Page - Texas Instruments THS1030CPWR Datasheet HTML 6Page - Texas Instruments THS1030CPWR Datasheet HTML 7Page - Texas Instruments THS1030CPWR Datasheet HTML 8Page - Texas Instruments THS1030CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, AVDD = 3 V, DVDD = 3 V, fs = 30
MSPS/50% duty cycle, MODE = AVDD, 2-V input span from 0.5 V to 2.5 V, external reference,
TA = Tmin to Tmax (unless otherwise noted) (continued)
dc accuracy
PARAMETER
MIN
TYP
MAX
UNIT
INL
Integral nonlinearity (see Note 2)
±1
±2
LSB
DNL
Differential nonlinearity (see Note 3)
±0.3
±1
LSB
Offset error (see Note 4)
0.4
1.4
%FSR
Gain error (see Note 5)
1.4
3.5
%FSR
Missing code
No missing code assured
NOTES:
2. Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero to full scale. The point used as zero
occurs 1/2 LSB before the first code transition. The full-scale point is defined as a level 1/2 LSB beyond the last code transition. The
deviation is measured from the center of each particular code to the true straight line between these two endpoints.
3. An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Therefore this measure
indicates how uniform the transfer function step sizes are. The ideal step size is defined here as the step size for the device under
test (i.e., (last transition level – first transition level)
÷ (2 n – 2)). Using this definition for DNL separates the effects of gain and offset
error. A minimum DNL better than –1 LSB ensures no missing codes.
4. Offset error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that will switch
the ADC output from code 0 to code 1. The ideal voltage level is determined by adding the voltage corresponding to 1/2 LSB to the
bottom reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references divided by
the number of ADC output levels (1024).
5. Gain error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that will switch
the ADC output from code 1022 to code 1023. The ideal voltage level is determined by subtracting the voltage corresponding to 1.5
LSB from the top reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references
divided by the number of ADC output levels (1024).
dynamic performance (See Note 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 3.5 MHz
8.4
9
ENOB
Effective number of bits
f = 3.5 MHz, AVDD = 5 V
9
Bits
ENOB
Effective number of bits
f = 15 MHz, 3 V
7.8
Bits
f = 15 MHz, AVDD = 5 V
7.7
f = 3.5 MHz
56
60.6
SFDR
Spurious free dynamic range
f = 3.5 MHz, AVDD = 5 V
64.6
dB
SFDR
Spurious free dynamic range
f = 15 MHz
48.5
dB
f = 15 MHz, AVDD = 5 V
53
f = 3.5 MHz
−60
−56
dB
THD
Total harmonic distortion
f = 3.5 MHz, AVDD = 5 V
− 66.9
dB
THD
Total harmonic distortion
f = 15 MHz
− 47.5
f = 15 MHz, AVDD = 5 V
− 53.1
f = 3.5 MHz
53
57
dB
SNR
Signal-to-noise ratio
f = 3.5 MHz, AVDD = 5 V
56
dB
SNR
Signal-to-noise ratio
f = 15 MHz
53.1
f = 15 MHz, AVDD = 5 V
49.4
f = 3.5 MHz
52.5
56
SINAD
Signal-to-noise and distortion
f = 3.5 MHz, AVDD = 5 V
56
dB
SINAD
Signal-to-noise and distortion
f = 15 MHz
48.6
dB
f = 15 MHz, AVDD = 5 V
48.1
NOTES:
6. Input amplitude of single tone sine wave for dynamic tests is −0.5 dBFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com