Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1030CPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS1030CPWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1030CPWR Datasheet HTML 2Page - Texas Instruments THS1030CPWR Datasheet HTML 3Page - Texas Instruments THS1030CPWR Datasheet HTML 4Page - Texas Instruments THS1030CPWR Datasheet HTML 5Page - Texas Instruments THS1030CPWR Datasheet HTML 6Page - Texas Instruments THS1030CPWR Datasheet HTML 7Page - Texas Instruments THS1030CPWR Datasheet HTML 8Page - Texas Instruments THS1030CPWR Datasheet HTML 9Page - Texas Instruments THS1030CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, AVDD = 3 V, DVDD = 3 V, fs = 30
MSPS/50% duty cycle, MODE = AVDD, 2-V input span from 0.5 V to 2.5 V, external reference,
TA = Tmin to Tmax (unless otherwise noted) (continued)
clock
PARAMETER
MIN
TYP
MAX
UNIT
tc
Clock cycle
33
ns
tw(CKH)
Pulse duration, clock high
15
16.5
110
ns
tw(CKL)
Pulse duration, clock low
15
16.5
110
ns
td(o)
Clock to data valid, delay time
25
ns
td(DZ)
Output disable to Hi-Z output, disable time
20
ns
td(DEN)
Output enable to output valid, enable time
20
ns
Pipeline latency
3
Cycles
td(AP)
Aperture delay time
4
ns
Aperture uncertainty (jitter)
2
ps
power supply (See Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Operating supply current
AVDD = DVDD = 3 V, MODE = AVDD
29
40
mA
PD
Power dissipation
AVDD = DVDD = 3 V
87
120
mW
PD
Power dissipation
AVDD = DVDD = 5 V
150
mW
PD(STBY)
Standby power
AVDD = DVDD = 3 V, MODE = AVDD
3
5
mW
NOTES:
7. Mode and REFSENSE are set to AVDD. The internal reference buffer is powered up to buffer the externally applied 0.5 V REFBS
and 2.5 V REFTS. 1.5 VDC is applied at AIN while converting data at 30 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com