Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1030CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS1030CPWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS1030CPWR Datasheet HTML 6Page - Texas Instruments THS1030CPWR Datasheet HTML 7Page - Texas Instruments THS1030CPWR Datasheet HTML 8Page - Texas Instruments THS1030CPWR Datasheet HTML 9Page - Texas Instruments THS1030CPWR Datasheet HTML 10Page - Texas Instruments THS1030CPWR Datasheet HTML 11Page - Texas Instruments THS1030CPWR Datasheet HTML 12Page - Texas Instruments THS1030CPWR Datasheet HTML 13Page - Texas Instruments THS1030CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
7.0
7.5
8.0
8.5
9.0
9.5
10.0
5
1015
2025
30
EFFECTIVE NUMBER OF BITS
vs
SAMPLING FREQUENCY
Figure 7
fs − Sampling Frequency − MSPS
AVDD = DVDD = 5 V
fi = 3.5 MHz, −0.5 dBFS
TA = 25°C
−1.0
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
0.8
1.0
0
128
256
384
512
640
768
896
1024
DIFFERENTIAL NONLINEARITY
vs
INPUT CODE
Input Code
Figure 8
AVDD = 3 V
DVDD = 3 V
fs = 30 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com