Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1030CPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS1030CPWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS1030CPWR Datasheet HTML 8Page - Texas Instruments THS1030CPWR Datasheet HTML 9Page - Texas Instruments THS1030CPWR Datasheet HTML 10Page - Texas Instruments THS1030CPWR Datasheet HTML 11Page - Texas Instruments THS1030CPWR Datasheet HTML 12Page - Texas Instruments THS1030CPWR Datasheet HTML 13Page - Texas Instruments THS1030CPWR Datasheet HTML 14Page - Texas Instruments THS1030CPWR Datasheet HTML 15Page - Texas Instruments THS1030CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The analog input AIN is sampled in the sample and hold unit, the output of which feeds the ADC core, where
the process of analog to digital conversion is performed against ADC reference voltages, REFTF and REFBF.
Connecting the MODE pin to one of three voltages, AGND, AVDD or AVDD/2 sets up operating configurations.
The three settings open or close internal switches to select one of the three basic methods of ADC reference
generation.
Depending on the user’s choice of operating configuration, the ADC reference voltages may come from the
internal reference buffer or may be fed from completely external sources. Where the reference buffer is
employed, the user can choose to drive it from the onboard reference generator (ORG), or may use an external
voltage source. A specific configuration is selected by connections to the REFSENSE, VREF, REFTS and
REFBS, and REFTF and REFBF pins, along with any external voltage sources selected by the user.
The ADC core drives out through output buffers to the data pins D0 to D9. The output buffers can be disabled
by the OE pin.
A single, sample-rate clock (30 MHz maximum) is required at pin CLK. The analog input signal is sampled on
the rising edge of CLK, and corresponding data is output after following third rising edge.
The STBY pin controls the THS1030 power down.
The user-chosen operating configuration and reference voltages determine what input signal voltage range the
THS1030 can handle.
The following sections explain:
D The internal signal flow of the device, and how the input signal span is related to the ADC reference voltages
D The ways in which the ADC reference voltages can be buffered internally, or externally applied
D How to set the onboard reference generator output, if required, and several examples of complete
configurations
signal processing chain (sample and hold, ADC)
Figure 11 shows the signal flow through the sample and hold unit to the ADC core.
Sample
and
Hold
1
−1/2
−1/2
ADC
Core
VP+
VP−
REFTF
REFBF
AIN
REFTS
REFBS
Figure 11. Analog Input Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com