Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1030CPWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS1030CPWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030CPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS1030CPWR Datasheet HTML 25Page - Texas Instruments THS1030CPWR Datasheet HTML 26Page - Texas Instruments THS1030CPWR Datasheet HTML 27Page - Texas Instruments THS1030CPWR Datasheet HTML 28Page - Texas Instruments THS1030CPWR Datasheet HTML 29Page - Texas Instruments THS1030CPWR Datasheet HTML 30Page - Texas Instruments THS1030CPWR Datasheet HTML 31Page - Texas Instruments THS1030CPWR Datasheet HTML 32Page - Texas Instruments THS1030CPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
user tips for obtaining best performance from the THS1030
D Voltages on AIN, REFTF and REFBF and REFTS and REFBS must all be inside the supply rails.
D ORG modes offer the simplest configurations for ADC reference generation.
D Choose differential input mode for best distortion performance.
D Choose a 2-V ADC input span for best noise performance.
D Choose a 1-V ADC input span for best distortion performance.
D If the ORG is not used to provide ADC reference voltages, its output may be used for other purposes in the
system. Care should be taken to ensure noise is not injected into the THS1030.
D Use external voltage sources for ADC reference generation where there are stringent requirements on
accuracy and drift.
D Drive clock input CLK from a low-jitter, fast logic stage, with a well-decoupled power supply and short PCB
traces.
TLC876 mode
The THS1030 is pin compatible with the TI TLC876 and thus enables users of TLC876 to upgrade to higher
speed by dropping the THS1030 into their sockets. Grounding the 1876M pin effectively puts the THS1030 into
876 mode using the external ADC reference. The MODE pin should either be grounded or left floating.
The REFSENSE pin is connected to DVDD when the THS1030 is dropped into a TLC876 socket. For
DVDD = 5-V applications, this will disable the ORG. For TLC876 applications using DVDD = 3.3 V, the VREF pin
will be driven to AVSS. In TLC876/AD876 mode, the pipeline latency is increased to 3.5 clock cycles to match
the TLC876 latency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com