Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 236 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 236 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 232Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 233Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 234Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 235Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 236Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 237Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 238Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 239Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 240Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 408 page
background image
Serial Communications Interface (SCI)
Technical Data
MC68HC908GR8 — Rev 4.0
236
Serial Communications Interface (SCI)
MOTOROLA
18.5.1 Data Format
The SCI uses the standard non-return-to-zero mark/space data format
illustrated in Figure 18-3.
Figure 18-3. SCI Data Formats
18.5.2 Transmitter
Figure 18-4 shows the structure of the SCI transmitter.
The baud rate clock source for the SCI can be selected via the
configuration bit, SCIBDSRC. Source selection values are shown in
Figure 18-4.
BIT 5
START
BIT
BIT 0
BIT 1
NEXT
STOP
BIT
START
BIT
8-BIT DATA FORMAT
BIT M IN SCC1 CLEAR
START
BIT
BIT 0
NEXT
STOP
BIT
START
BIT
9-BIT DATA FORMAT
BIT M IN SCC1 SET
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 2
BIT 3
BIT 4
BIT 6
BIT 7
PARITY
BIT
PARITY
BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com