Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 76Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 77Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 78Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 79Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 80Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 81Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 82Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 83Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 408 page
background image
Analog-to-Digital Converter (ADC)
Technical Data
MC68HC908GR8 — Rev 4.0
80
Analog-to-Digital Converter (ADC)
MOTOROLA
5.3 Features
Features of the ADC module include:
•
Six channels with multiplexed input
•
Linear successive approximation with monotonicity
•
8-bit resolution
•
Single or continuous conversion
•
Conversion complete flag or conversion complete interrupt
•
Selectable ADC clock
5.4 Functional Description
The ADC provides six pins for sampling external sources at pins
PTB5/ATD5–PTB0/ATD0. An analog multiplexer allows the single ADC
converter to select one of six ADC channels as ADC voltage in (VADIN).
VADIN is converted by the successive approximation register-based
analog-to-digital converter. When the conversion is completed, ADC
places the result in the ADC data register and sets a flag or generates
an interrupt. See Figure 5-1.
NOTE:
References to DMA (direct-memory access) and associated functions
are only valid if the MCU has a DMA module. If the MCU has no DMA,
any DMA-related register bits should be left in their reset state for
expected MCU operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com