Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 49Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 50Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 51Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 52Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 53Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 54Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 55Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 56Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 408 page
background image
Low Power Modes
External Interrupt Module (IRQ)
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Low Power Modes
53
3.7.2 Stop Mode
Stop mode turns off the CGMXCLK input to the COP and clears the COP
prescaler. Service the COP immediately before entering or after exiting
stop mode to ensure a full COP timeout period after entering or exiting
stop mode.
The STOP bit in the configuration register (CONFIG) enables the STOP
instruction. To prevent inadvertently turning off the COP with a STOP
instruction, disable the STOP instruction by clearing the STOP bit.
3.8 External Interrupt Module (IRQ)
3.8.1 Wait Mode
The IRQ module remains active in wait mode. Clearing the IMASK1 bit
in the IRQ status and control register enables IRQ CPU interrupt
requests to bring the MCU out of wait mode.
3.8.2 Stop Mode
The IRQ module remains active in stop mode. Clearing the IMASK1 bit
in the IRQ status and control register enables IRQ CPU interrupt
requests to bring the MCU out of stop mode.
3.9 Keyboard Interrupt Module (KBI)
3.9.1 Wait Mode
The keyboard module remains active in wait mode. Clearing the
IMASKK bit in the keyboard status and control register enables keyboard
interrupt requests to bring the MCU out of wait mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com