Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 67Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 68Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 69Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 70Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 71Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 72Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 73Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 74Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 408 page
background image
Resets and Interrupts
Interrupts
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Resets and Interrupts
71
4.4.2.1 SWI Instruction
The software interrupt instruction (SWI) causes a non-maskable
interrupt.
NOTE:
A software interrupt pushes PC onto the stack. An SWI does not push
PC – 1, as a hardware interrupt does.
4.4.2.2 Break Interrupt
The break module causes the CPU to execute an SWI instruction at a
software-programmable break point.
4.4.2.3 IRQ Pin
A logic 0 on the IRQ1 pin latches an external interrupt request.
4.4.2.4 CGM
The CGM can generate a CPU interrupt request every time the phase-
locked loop circuit (PLL) enters or leaves the locked state. When the
LOCK bit changes state, the PLL flag (PLLF) is set. The PLL interrupt
enable bit (PLLIE) enables PLLF CPU interrupt requests. LOCK is in the
PLL bandwidth control register. PLLF is in the PLL control register.
4.4.2.5 TIM1
TIM1 CPU interrupt sources:
•
TIM1 overflow flag (TOF) — The TOF bit is set when the TIM1
counter value rolls over to $0000 after matching the value in the
TIM1 counter modulo registers. The TIM1 overflow interrupt
enable bit, TOIE, enables TIM1 overflow CPU interrupt requests.
TOF and TOIE are in the TIM1 status and control register.
•
TIM1 channel flags (CH1F–CH0F) — The CHxF bit is set when an
input capture or output compare occurs on channel x. The channel
x interrupt enable bit, CHxIE, enables channel x TIM1 CPU
interrupt requests. CHxF and CHxIE are in the TIM1 channel x
status and control register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com