Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 51Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 52Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 53Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 54Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 55Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 56Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 57Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 58Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 408 page
background image
Low Power Modes
Serial Peripheral Interface Module (SPI)
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Low Power Modes
55
3.11.2 Stop Mode
The SCI module is inactive in stop mode. The STOP instruction does not
affect SCI register states. SCI module operation resumes after the MCU
exits stop mode.
Because the internal clock is inactive during stop mode, entering stop
mode during an SCI transmission or reception results in invalid data.
3.12 Serial Peripheral Interface Module (SPI)
3.12.1 Wait Mode
The SPI module remains active in wait mode. Any enabled CPU interrupt
request from the SPI module can bring the MCU out of wait mode.
If SPI module functions are not required during wait mode, reduce power
consumption by disabling the SPI module before executing the WAIT
instruction.
3.12.2 Stop Mode
The SPI module is inactive in stop mode. The STOP instruction does not
affect SPI register states. SPI operation resumes after an external
interrupt. If stop mode is exited by reset, any transfer in progress is
aborted, and the SPI is reset.
3.13 Timer Interface Module (TIM1 and TIM2)
3.13.1 Wait Mode
The TIM remains active in wait mode. Any enabled CPU interrupt
request from the TIM can bring the MCU out of wait mode.
If TIM functions are not required during wait mode, reduce power
consumption by stopping the TIM before executing the WAIT instruction.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com