Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 60Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 61Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 62Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 63Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 64Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 65Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 66Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 67Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 408 page
background image
Resets and Interrupts
Technical Data
MC68HC908GR8 — Rev 4.0
64
Resets and Interrupts
MOTOROLA
4.3.3.3 Low-Voltage Inhibit Reset
A low-voltage inhibit (LVI) reset is an internal reset caused by a drop in
the power supply voltage to the LVI trip voltage, VTRIPF.
An LVI reset:
•
Holds the clocks to the CPU and modules inactive for an oscillator
stabilization delay of 4096 CGMXCLK cycles after the power
supply voltage rises to VTRIPF
•
Drives the RST pin low for as long as VDD is below VTRIPF and
during the oscillator stabilization delay
•
Releases the RST pin 32 CGMXCLK cycles after the oscillator
stabilization delay
•
Releases the CPU to begin the reset vector sequence
64 CGMXCLK cycles after the oscillator stabilization delay
•
Sets the LVI bit in the SIM reset status register
4.3.3.4 Illegal Opcode Reset
An illegal opcode reset is an internal reset caused by an opcode that is
not in the instruction set. An illegal opcode reset sets the ILOP bit in the
SIM reset status register.
If the stop enable bit, STOP, in the mask option register is a logic 0, the
STOP instruction causes an illegal opcode reset.
4.3.3.5 Illegal Address Reset
An illegal address reset is an internal reset caused by opcode fetch from
an unmapped address. An illegal address reset sets the ILAD bit in the
SIM reset status register.
A data fetch from an unmapped address does not generate a reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com